Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V283L6PFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V283L6PFI
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V283L6PFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V283L6PFI Datasheet HTML 1Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 2Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 3Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 4Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V283L6PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
5
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V223/233/243/253/263/273/283/293 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
512 x 18, 1K x 9/18, 2K x 9/18, 4K x 9/18, 8K x 9/18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9
to-HIGH transition of WCLK. Similarly, the
PAFisassertedLOWontheLOW-
to-HIGH transition of WCLK and
PAF is reset to HIGH on the LOW-to-HIGH
transition of RCLK.
If synchronous
PAE/PAF configuration is selected , the PAE is asserted
and updated on the rising edge of RCLK only and not WCLK. Similarly,
PAF
is asserted and updated on the rising edge of WCLK only and not RCLK. The
modedesiredisconfiguredduringmasterresetbythestateoftheProgrammable
Flag Mode (PFM) pin.
The Retransmit function allows data to be reread from the FIFO more
than once. A LOW on the
RT input during a rising RCLK edge initiates a
retransmitoperationbysettingthereadpointertothefirstlocationofthememory
array. A zero-latency retransmit timing mode can be selected using the
RetransmittimingModepin(RM).DuringMasterReset,aLOWonRMwillselect
zero-latency retransmit. A HIGH on RM during Master Reset will select normal
latency.
If zero-latency retransmit operation is selected the first data word to be
retransmitted will be placed on the output register with respect to the same
RCLK edge that initiated the retransmit based on RT being LOW.
Refer to Figure 11 and 12 for Retransmit Timing with normal latency. Refer
to Figure 13 and 14 for Retransmit Timing with zero-latency.
A Big-Endian/Little-Endian data word format is provided. This function is
useful when data is written into the FIFO in long word format (x18) and read
out of the FIFO in small word (x9) format. If Big-Endian mode is selected, then
themostsignificantbyte(word)ofthelongwordwrittenintotheFIFOwillberead
IW
OW
Write Port Width
Read Port Width
L
L
x18
x18
L
H
x18
x9
H
L
x9
x18
H
H
x9
x9
TABLE 1 — BUS-MATCHING CONFIGURATION MODES
outoftheFIFOfirst,followedbytheleastsignificantbyte.IfLittle-Endianformat
is selected, then the least significant byte of the long word written into the FIFO
will be read out first, followed by the most significant byte. The mode desired is
configured during master reset by the state of the Big-Endian (
BE) pin.
The Interspersed/Non-Interspersed Parity (IP) bit function allows the user
to select the parity bit in the word loaded into the parallel port (D0-Dn) when
programming the flag offsets. If Interspersed Parity mode is selected, then the
FIFOwillassumethattheparitybitislocatedinbitpositionD8duringtheparallel
programmingoftheflagoffsets.IfNon-InterspersedParitymodeisselected,then
D8isassumedtobeavalidbitandD16andD17areignored.IPmodeisselected
during Master Reset by the state of the IP input pin. This mode is relevant only
when the input width is set to x18 mode. Interspersed Parity control only has
aneffectduringparallelprogrammingoftheoffsetregisters.Itdoesnoteffectthe
data written to and read from the FIFO.
A JTAG test port is provided, here the FIFO has fully functional Boundary
Scan feature, compliant with IEEE 1149.1 Standard Test Access Port and
Boundary Scan Architecture.
If, at any time, the FIFO is not actively performing an operation, the chip will
automatically power down. Once in the power down state, the standby supply
currentconsumptionisminimized.Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
The IDT72V223/72V233/72V243/72V253/72V263/72V273/72V283/
72V293 are fabricated using IDT’s high speed submicron CMOS technology.


Similar Part No. - IDT72V283L6PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V283 RENESAS-IDT72V283 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - IDT72V283L6PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com