Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1414-1-AIZL-TR Datasheet(PDF) 1 Page - Microchip Technology

Part # EMC1414-1-AIZL-TR
Description  Multiple Channel 1째C Temperature Sensors with Beta Compensation
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1414-1-AIZL-TR Datasheet(HTML) 1 Page - Microchip Technology

  EMC1414-1-AIZL-TR Datasheet HTML 1Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 2Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 3Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 4Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 5Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 6Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 7Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 8Page - Microchip Technology EMC1414-1-AIZL-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
 2014 Microchip Technology Inc.
DS20005274A-page 1
Data Sheet
PRODUCT FEATURES
EMC1413/EMC1414
Multiple Channel 1°C Temperature Sensors with
Beta Compensation
General Description
The EMC1413/EMC1414 are high accuracy, low cost,
System Management Bus (SMBus) temperature
sensors. Advanced features such as Resistance Error
Correction (REC), Beta Compensation (to support CPU
diodes requiring the BJT/transistor model) and
automatic diode type detection combine to provide a
robust solution for complex environmental monitoring
applications.
The EMC1413 monitors three temperature channels and
the EMC1414 monitors four temperature channels. It
provides ±1°C accuracy for both external and internal
diode temperatures.
Resistance Error Correction automatically eliminates the
temperature error caused by series resistance allowing
greater flexibility in routing thermal diodes. Beta
Compensation eliminates temperature errors caused by
low, variable beta transistors common in today's fine
geometry processors. The automatic beta detection
feature monitors each external diode/transistor and
determines the optimum sensor settings for accurate
temperature measurements regardless of processor
technology. This frees the user from providing unique
sensor configurations for each temperature monitoring
application. These advanced features plus ±1°C
measurement accuracy provide a low-cost, highly
flexible and accurate solution for critical temperature
monitoring applications.
Applications
Notebook Computers
Desktop Computers
Industrial
Embedded applications
Features
Programmable SMBus address
Support for diodes requiring the BJT/transistor model
including advanced processor geometries
Automatically determines external diode type and
optimal settings
Resistance Error Correction
Up to 3 External Temperature Monitors
— ±1°C max accuracy (20°C < TDIODE < 110°C)
— 0.125°C resolution
— Supports up to 2.2nF diode filter capacitor
— Anti-parallel diodes for extra diode support (EMC1414
only)
Internal Temperature Monitor
— ±1°C accuracy
— 0.125°C resolution
3.3V Supply Voltage
Programmable temperature limits for ALERT
Available in these RoHS compliant packages
— 10-pin 3mm x 3mm DFN
— 10-pin MSOP


Similar Part No. - EMC1414-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1414-1-AIZL-TR SMSC-EMC1414-1-AIZL-TR Datasheet
897Kb / 52P
   Multiple Channel 1 Temperature Sensors with Beta Compensation
More results

Similar Description - EMC1414-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1413 SMSC-EMC1413 Datasheet
897Kb / 52P
   Multiple Channel 1 Temperature Sensors with Beta Compensation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
   Multiple Channel 1 Temperature Sensor with Beta Compensation
EMC1073 SMSC-EMC1073 Datasheet
742Kb / 45P
   Multiple Channel 1째C Temperature Sensors with Selectable Address
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com