Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1413-1-AIZL-TR Datasheet(PDF) 9 Page - Microchip Technology

Part # EMC1413-1-AIZL-TR
Description  Multiple Channel 1째C Temperature Sensors with Beta Compensation
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1413-1-AIZL-TR Datasheet(HTML) 9 Page - Microchip Technology

Back Button EMC1413-1-AIZL-TR Datasheet HTML 5Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 6Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 7Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 8Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 9Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 10Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 11Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 12Page - Microchip Technology EMC1413-1-AIZL-TR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Multiple Channel 1°C Temperature Sensors with Beta Compensation
Data Sheet
 2014 Microchip Technology Inc.
DS20005274A-page 9
APPLICATION NOTE:
For the 5V tolerant pins that have a pull-up resistor (SMCLK, SMDATA, THERM, and
ALERT), the voltage difference between VDD and the pull-up voltage must never exceed
3.6V.
The pin types are described Table 3.2.
7
THERM / ADDR
THERM - Critical THERM output signal - requires
pull-up resistor
OD (5V)
ADDR - Selects SMBus address based on pull-
up resistor
OD (5V)
8
ALERT
Active low digital ALERT output signal - requires
pull-up resist
OD (5V)
9
SMDATA
SMBus Data input/output - requires pull-up
resistor
DIOD (5V)
10
SMCLK
SMBus Clock input - requires pull-up resistor
DI (5V)
Bottom Pad
Exposed Pad
Not internally connected, but recommend
grounding.
-
Table 3.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the device.
AIO
Analog Input / Output -This pin is used as an I/O for analog signals.
DI
Digital Input - This pin is used as a digital input. This pin is 5V tolerant.
DIOD
Digital Input / Open Drain Output - This pin is used as a digital I/O. When it is used as
an output, it is open drain and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - This pin is used as a digital output. It is open drain and
requires a pull-up resistor. This pin is 5V tolerant.
Table 3.1 EMC1413 / EMC1414 Pin Description (continued)
PIN NUMBER
NAME
FUNCTION
TYPE


Similar Part No. - EMC1413-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1413-1-AIZL-TR SMSC-EMC1413-1-AIZL-TR Datasheet
897Kb / 52P
   Multiple Channel 1 Temperature Sensors with Beta Compensation
More results

Similar Description - EMC1413-1-AIZL-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1413 SMSC-EMC1413 Datasheet
897Kb / 52P
   Multiple Channel 1 Temperature Sensors with Beta Compensation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
   Multiple Channel 1 Temperature Sensor with Beta Compensation
EMC1073 SMSC-EMC1073 Datasheet
742Kb / 45P
   Multiple Channel 1째C Temperature Sensors with Selectable Address
logo
Microchip Technology
EMC1184 MICROCHIP-EMC1184 Datasheet
547Kb / 48P
   Quad Channel 1째C Temperature Sensor with Beta
Revision 1.0 07-11-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com