Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQCO62T20.3-TRAY Datasheet(PDF) 2 Page - Microchip Technology

Part # EQCO62T20.3-TRAY
Description  EQCO62T20.3 6.25 Gbps Asymmetric Coax Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO62T20.3-TRAY Datasheet(HTML) 2 Page - Microchip Technology

  EQCO62T20.3-TRAY Datasheet HTML 1Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 2Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 3Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 4Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 5Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 6Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 7Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 8Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
EQCO62T20.3/EQCO31T20.3
DS60001301B-page 2
 2011-2016 Microchip Technology Inc.
Typical Link Performance
Table 1, Table 2 and Table 3 give an overview of typical
link performance at room temperature for the link con-
taining the EQCO62T20 coax driver in conjunction with
the EQCO62R20 receiver, using the downlink channel,
uplink channel and power transmission simultaneously.
Performance for EQCO62T/R20 and EQCO31T/R20 is
equal for bit rates up to 3.125 Gbps.
TABLE 1:
BELDEN TYPICAL LINK PERFORMANCE
Name
Belden 7731A Belden 1694A Belden 1505A Belden 1505F
Belden 1855A
Type
Long
Distance
Industry
Standard
Compromise
Coax
Flexible
Thinnest
Cable
Diameter
(mm)
10.3
6.99
5.94
6.15
4.03
1.25 Gbps
(m)
194
130
107
80
55
2.5 Gbps
(m)
162
110
94
66
55
3.125 Gbps
(m)
147
100
86
60
55
5.0 Gbps
(m)
87
60
52
35
38
6.25 Gbps
(m)
5840
3523
25
TABLE 2:
GEPCO TYPICAL LINK PERFORMANCE
Name
Gepco
VHD1100
Gepco
VSD2001
Gepco
VPM2000
Gepco
VHD2000M
Gepco
VDM230
Type
Long
Distance
Industry
Standard
Compromise
Coax
Flexible
Thinnest
Cable
Diameter
(mm)
10.3
6.91
6.15
6.15
4.16
1.25 Gbps
(m)
212
140
109
81
66
2.5 Gbps
(m)
185
120
94
67
66
3.125 Gbps
(m)
169
110
86
61
62
5.0 Gbps
(m)
102
66
53
36
38
6.25 Gbps
(m)
6844
3524
25
TABLE 3:
CANARE TYPICAL LINK PERFORMANCE(1)
Name
Canare
L-7CFB
Canare
L-5CFB
Canare
L-4CFB
Canare
L-3CFB
Canare
L-2.5CFB
Type
Long
Distance
Industry
Standard
Compromise
Coax
Thin Cable
Thinnest
Cable
Diameter
(mm)
10.2
7.7
6.1
5.5
4
1.25 Gbps
(m)
165
118
94
72
43
2.5 Gbps
(m)
135
98
79
66
43
3.125 Gbps
(m)
122
88
71
60
43
5.0 Gbps
(m)
71
52
42
36
30
6.25 Gbps
(m)
4634
2824
20
Note 1:
Specifications from Canare are only up to 2 GHz. 5 Gbps and 6.25 Gbps performance are by extrapolation.


Similar Part No. - EQCO62T20.3-TRAY

ManufacturerPart #DatasheetDescription
logo
EqcoLogic
EQCO62T20 EQCOLOGIC-EQCO62T20 Datasheet
709Kb / 2P
   EqcoLogic Transceivers for CoaXPress Camera Solutions
More results

Similar Description - EQCO62T20.3-TRAY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO62R20.3 MICROCHIP-EQCO62R20.3 Datasheet
1Mb / 34P
   EQCO62R20.3 6.25 Gbps Asymmetric Coax Equalizer
07/14/15
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
logo
Texas Instruments
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
ADATE209 AD-ADATE209 Datasheet
829Kb / 16P
   4.0 Gbps Dual Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
   3 Gbps Laser Driver
logo
Analog Devices
ADATE209 AD-ADATE209_17 Datasheet
876Kb / 17P
   4.0 Gbps Dual Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com