Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQCO62T20.3-TRAY Datasheet(PDF) 4 Page - Microchip Technology

Part # EQCO62T20.3-TRAY
Description  EQCO62T20.3 6.25 Gbps Asymmetric Coax Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO62T20.3-TRAY Datasheet(HTML) 4 Page - Microchip Technology

  EQCO62T20.3-TRAY Datasheet HTML 1Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 2Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 3Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 4Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 5Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 6Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 7Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 8Page - Microchip Technology EQCO62T20.3-TRAY Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
EQCO62T20.3/EQCO31T20.3
DS60001301B-page 4
 2011-2016 Microchip Technology Inc.
1.0
DEVICE OVERVIEW
The EQCO62T/R20 single-coax chipset is designed to
simultaneously transmit and receive signals along with
power on a single 75Ω coax cable. In one direction, a
downlink signal is transmitted. In the opposite direction,
a lower-speed uplink is provided. The EQCO62T/R20
chipset consists of two chips. The EQCO62T20 is a
high-speed line driver with an integrated low-speed
receiver. The EQCO62R20 is a high-speed receiver
with an integrated low-speed transmitter. Figure 1-1
illustrates a typical EQCO62T/R20 link setup.
The downlink signal is transmitted with 600 mV trans-
mit amplitude at the EQCO62T20 side. This signal is
attenuated in the coax and recovered by an equalizer
integrated in the EQCO62R20. The low-speed uplink is
transmitted with a lower amplitude of 130 mV to limit
the crosstalk with the downlink channel.
The downlink channel is intended for 8B/10B NRZ
coded data with bitrates from 1.25 Gbps up to 6.25
Gbps. The low-speed uplink operates at a bit rate of
21 Mbps, and has a single-ended LVTLL input and
output.
In addition to the downlink channel and the low-speed
uplink, the system allows power transmission over the
coax by using ferrite beads and external inductors.
These external inductors give the communication
channel a high-pass characteristic. The uplink receiver
inside the EQCO62T20 chip recovers the signal lost by
this high-pass filter. Appropriate inductors need to be
selected for correct operation of the link. Correct
operation is only guaranteed with the inductor
combination used in Figure 2-1, even though other
components might be suited.
The EQCO62T/R20 chipset is compatible with the
CoaXPress v1.1 camera standard.
FIGURE 1-1:
TYPICAL EQCO62T/R20 LINK SETUP
Up to 212 meters
75Ω Coax
High
Definition
Camera
EQCO
62T20
Frame
Store +
Camera
Control
Up to
6.25 Gbps
downlink
21 Mbps
uplink
Up to
900 mA DC
Up to
900 mA DC
EQCO
62R20
21 Mbps
uplink
Up to
6.25 Gbps
downlink


Similar Part No. - EQCO62T20.3-TRAY

ManufacturerPart #DatasheetDescription
logo
EqcoLogic
EQCO62T20 EQCOLOGIC-EQCO62T20 Datasheet
709Kb / 2P
   EqcoLogic Transceivers for CoaXPress Camera Solutions
More results

Similar Description - EQCO62T20.3-TRAY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO62R20.3 MICROCHIP-EQCO62R20.3 Datasheet
1Mb / 34P
   EQCO62R20.3 6.25 Gbps Asymmetric Coax Equalizer
07/14/15
logo
Texas Instruments
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
logo
Texas Instruments
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
ADATE209 AD-ADATE209 Datasheet
829Kb / 16P
   4.0 Gbps Dual Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
   3 Gbps Laser Driver
logo
Analog Devices
ADATE209 AD-ADATE209_17 Datasheet
876Kb / 17P
   4.0 Gbps Dual Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com