Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQCO850SC.3 Datasheet(PDF) 5 Page - Microchip Technology

Part # EQCO850SC.3
Description  EQCO875SC.3/EQCO850SC.3 Single-Coax Transceiver for Fast Ethernet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO850SC.3 Datasheet(HTML) 5 Page - Microchip Technology

  EQCO850SC.3 Datasheet HTML 1Page - Microchip Technology EQCO850SC.3 Datasheet HTML 2Page - Microchip Technology EQCO850SC.3 Datasheet HTML 3Page - Microchip Technology EQCO850SC.3 Datasheet HTML 4Page - Microchip Technology EQCO850SC.3 Datasheet HTML 5Page - Microchip Technology EQCO850SC.3 Datasheet HTML 6Page - Microchip Technology EQCO850SC.3 Datasheet HTML 7Page - Microchip Technology EQCO850SC.3 Datasheet HTML 8Page - Microchip Technology EQCO850SC.3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2009-2016 Microchip Technology Inc.
DS60001314A-page 5
EQCO875SC.3/EQCO850SC.3
FIGURE 1-3:
EQCO875SC.3 BLOCK DIAGRAM SHOWING ELECTRICAL CONNECTIONS
1.1
SDIp/SDIn
SDIp/SDIn together form a differential input pair. The
serial data received on these pins will be transmitted on
SDIO. The Input Pre-Driver automatically corrects for
variations in signal levels and different edge slew rates at
these inputs before they go into the Active Splitter/
Combiner for transmission over the coax.
Both SDIp and SDIn inputs are differentially terminated by
110Ω on-chip. The center of the 110Ω is connected to
DGND with a 10 kΩ resistor for DC biasing. The inputs
also have protection diodes to ground for ESD purposes.
These inputs should always be capacitively coupled to the
FX output of the Ethernet PHY. A Transmit Wake-Up
detection circuit puts both the Input Pre-Driver and the
Active Signal Splitter/Combiner into a low-power mode
when no signal is detected on the SDIp/SDIn signal pair.
1.2
SDIO/REF
The signal on the SDIO pin is the sum of the incoming
signal (i.e. the signal transmitted by the EQCO875SC on
the far-end side of the coax) and the outgoing signal (i.e.
the signal created based on SDIp/SDIn). The far-end
signal is extracted by subtraction of the near-end signal,
and it is this voltage that the equalizer analyses and
adaptively equalizes for level and frequency response
based on the knowledge that the originating signal is 4B/
5B encoded before transmission.
The REF signal carries a precise anti-phase current to the
transmit current on SDIO. REF must be connected
directly to AGND at the connector (see Figure 3-2) via a
resistor precisely matched to the impedance of the
coaxial cable used.
1.3
SDOp/SDOn
SDOp/SDOn together form a differential pair outputting
the reconstructed far-end transmit signal. The
EQCO850SC-HS uses LVDS drivers with source
matching for a 100Ω transmission line. This LVDS
signal can normally be connected (subject to input
common-mode requirements) directly to the RX signal
pair of a standard LVDS receiver.
1.4
OPT0, OPT1
Connect Opt0 to DGND and Opt1 to DVCC to enable
Fast Ethernet mode.
1.5
CLK, DAT Pins
These pins are normally used to access an internal
register during production test. Connect them to DGND
for normal operation. They should not be left floating.
EQCO875SC.3
RX Output
Driver
Active Signal
Splitter/Combiner
Input
Pre-Driver
SDIO
SDOp
SDIp
SDIn
Transmit
Wake-Up
Detection
Equalizer
Core
REF
SDOn


Similar Part No. - EQCO850SC.3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO850SC.3-HS MICROCHIP-EQCO850SC.3-HS Datasheet
1Mb / 24P
   Pb-Free and RoHS Compliant
01/27/15
More results

Similar Description - EQCO850SC.3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
   Fiber Optic Transceiver For Fast Ethernet
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Agere Systems
LU3X31T-T64 AGERE-LU3X31T-T64 Datasheet
580Kb / 44P
   LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
   Single port 10/100 Fast Ethernet Transceiver
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
logo
List of Unclassifed Man...
TRV5467 ETC1-TRV5467 Datasheet
135Kb / 2P
   lightwave transceiver for OC-3
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com