Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EQCO875SC.3 Datasheet(PDF) 1 Page - Microchip Technology

Part # EQCO875SC.3
Description  EQCO875SC.3/EQCO850SC.3 Single-Coax Transceiver for Fast Ethernet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EQCO875SC.3 Datasheet(HTML) 1 Page - Microchip Technology

  EQCO875SC.3 Datasheet HTML 1Page - Microchip Technology EQCO875SC.3 Datasheet HTML 2Page - Microchip Technology EQCO875SC.3 Datasheet HTML 3Page - Microchip Technology EQCO875SC.3 Datasheet HTML 4Page - Microchip Technology EQCO875SC.3 Datasheet HTML 5Page - Microchip Technology EQCO875SC.3 Datasheet HTML 6Page - Microchip Technology EQCO875SC.3 Datasheet HTML 7Page - Microchip Technology EQCO875SC.3 Datasheet HTML 8Page - Microchip Technology EQCO875SC.3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2009-2016 Microchip Technology Inc.
DS60001314A-page 1
EQCO875SC.3/EQCO850SC.3
Features
• Combined Transmitter and Receiver with an
Integrated Equalizer to Form a Full-Duplex
Bidirectional Connection over a Single 75Ω Coax
Cable (EQCO875SC.3) or 50Ω Coax Cable
(EQCO850SC.3)
• Compatible with FX Version of Fast Ethernet
• Low-Power: 205 mW from Single 3.3V Supply
• Integrated Termination Resistors for Low External
Discrete Count
• Fully Supports PoE-Based Power and Data
Signal Distribution Over Coax
• 16-Pin, 0.65 mm Pin Pitch, 4 mm QFN Package
• Pb-Free and RoHS Compliant
Applications
This solution is useful and economical for many
markets and applications, including the following:
• Camera Networks
- Home Security, Surveillance, Industrial/
Inspection, Medical Cameras
• Home Networking over Coax Infrastructure
- When Cat5 or Cat6 cabling is not available
and existing 75Ω coax is not used for analog
TV signals
• TV, STB, PVR Connections Including Inter-Room
Links
TABLE 1:
TYPICAL DEVICE PERFORMANCE FOR EQCO875SC.3
Version
EQCO875SC.3 Range Using
RG11
RG6 (Ø 5 mm)
EQCO875SC.3
225m
150m
TABLE 2:
TYPICAL DEVICE PERFORMANCE FOR EQCO850SC.3
Version
EQCO850SC.3 Range Using
RG174
RTK
RG58
EQCO850SC.3
40m
70m
70m
EQCO875SC.3/EQCO850SC.3 Single-Coax Transceiver for
Fast Ethernet


Similar Part No. - EQCO875SC.3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EQCO875SC.3-HS MICROCHIP-EQCO875SC.3-HS Datasheet
1Mb / 24P
   Pb-Free and RoHS Compliant
01/27/15
More results

Similar Description - EQCO875SC.3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1301 STMICROELECTRONICS-AN1301 Datasheet
160Kb / 8P
   SINGLE PORT FAST ETHERNET TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
   Fiber Optic Transceiver For Fast Ethernet
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Agere Systems
LU3X31T-T64 AGERE-LU3X31T-T64 Datasheet
580Kb / 44P
   LU3X31T-T64 Single-Port 3 10/100 Ethernet Transceiver TX
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
   Single port 10/100 Fast Ethernet Transceiver
logo
Source Photonics, Inc.
SP-FE-LX-CDA SOURCE-SP-FE-LX-CDA Datasheet
589Kb / 7P
   Fast Ethernet SFP Transceiver
logo
List of Unclassifed Man...
TRV5467 ETC1-TRV5467 Datasheet
135Kb / 2P
   lightwave transceiver for OC-3
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
   Dual-Speed Fast Ethernet Transceiver
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com