Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF06SA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DF06SA
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF06SA Datasheet(HTML) 1 Page - Vishay Siliconix

  DF06SA Datasheet HTML 1Page - Vishay Siliconix DF06SA Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005SA thru DF10SA
Vishay Semiconductors
formerly General Semiconductor
Document Number 88574
www.vishay.com
25-Apr-03
1
New Product
Miniature Glass Passivated Single-Phase
Surface Mount Bridge Rectifier
Reverse Voltage 50 to 1000V
Forward Current 1.0A
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol DF005SA DF01SA DF02SA DF04SA DF06SA DF08SA DF10SA
Unit
Device marking code
DFA
DFA
DFA
DFA
DFA
DFA
DFA
005S
01S
02S
04S
06S
08S
10S
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward output rectified current
at TA = 40°C
(2)
IF(AV)
1.0
A
Peak forward surge current single half sine-wave
superimposed on rated load (JEDEC Method) TJ = 150°C
IFSM
30
A
Rating for fusing (t < 8.3ms)
I2t
4.5
A2sec
Typical thermal resistance per leg (2)
R
θJA
40
°C/W
R
θJL
15
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Maximum instantaneous forward voltage drop
per leg at 1.0A
VF
1.1
V
Maximum DC reverse current
TA = 25°C
5.0
µA
at rated DC blocking voltage per leg
TA = 125°C
IR
500
Typical junction capacitance per leg(1)
CJ
25
pF
Notes: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Units mounted on P.C.B. with 0.51 x 0.51” (13 x 13mm) copper pads
Mounting Pad Layout
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• This series is UL listed under Recognized Component
Index, file number E54214
• Glass passivated chip junctions
• High surge overload rating of 30 Amperes peak
• Ideal for printed circuit boards
• High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
Mechanical Data
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Mounting Position: Any
Weight: 0.014 oz., 0.4 g
Packaging codes/options:
27/1.5K per 13" Reel (16mm Tape)
45/50 EA. per Tube-Bulk
0.255 (6.5)
0.245 (6.2)
0.013 (0.330)
0.009 (0.241)
0.060 (1.524)
0.040 (1.016)
0.404 (10.3)
0.013 (0.330)
0.003 (0.076)
0.047 (1.20)
0.040 (1.02)
0.205 (5.2)
0.195 (5.0)
0.335 (8.51)
0.320 (8.13)
0.130 (3.3)
0.120 (3.05)
45
o
0.386 (9.80)
Dimensions in inches
and (millimeters)
Case Style DFS
0.404 Max.
(10.26 Max.)
0.205 (5.2)
0.195 (5.0)
0.047 Min.
(1.20 Min.)
0.060 Min.
(1.52 Min.)


Similar Part No. - DF06SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF06SA VISHAY-DF06SA Datasheet
104Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
logo
SEMTECH ELECTRONICS LTD...
DF06SA SEMTECH_ELEC-DF06SA Datasheet
247Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIERS
logo
Vishay Siliconix
DF06SA VISHAY-DF06SA Datasheet
94Kb / 4P
   Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
01-Jan-2022
DF06SA-E3/45 VISHAY-DF06SA-E3/45 Datasheet
95Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
DF06SA-E3/45 VISHAY-DF06SA-E3/45 Datasheet
87Kb / 5P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Revision: 19-Aug-13
More results

Similar Description - DF06SA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
logo
Microdiode Electronics ...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 19-Aug-13
B2S VISHAY-B2S_V01 Datasheet
104Kb / 4P
   Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier
01-Jan-2022
logo
SEMTECH ELECTRONICS LTD...
MD1S SEMTECH_ELEC-MD1S Datasheet
250Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DB101S GOOD-ARK-DB101S Datasheet
168Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
MB05F YIXIN-MB05F Datasheet
322Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SHIKUES Electronics
S1ZB60 SKTECHNOLGY-S1ZB60 Datasheet
407Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com