Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV2701BD-M936 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV2701BD-M936
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2701BD-M936 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV2701BD-M936 Datasheet HTML 2Page - Microchip Technology HV2701BD-M936 Datasheet HTML 3Page - Microchip Technology HV2701BD-M936 Datasheet HTML 4Page - Microchip Technology HV2701BD-M936 Datasheet HTML 5Page - Microchip Technology HV2701BD-M936 Datasheet HTML 6Page - Microchip Technology HV2701BD-M936 Datasheet HTML 7Page - Microchip Technology HV2701BD-M936 Datasheet HTML 8Page - Microchip Technology HV2701BD-M936 Datasheet HTML 9Page - Microchip Technology HV2701BD-M936 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
HV2601 / HV2701
DS20005391B-page 6
 2015-2016 Microchip Technology Inc.
Note 1: See Figure 3-1.
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: VDD=5.0V, tR = tF≤5.0 ns, 50% duty cycle, CLOAD = 20 pF, unless otherwise noted.
Parameter
Symbol
0°C
25°C
70°C
Units Conditions
Min
Max
Min
Typ
Max
Min
Max
Set up time before
LE rises
tSD
25
-
25
-
-
25
-
ns
Time width of LE
tWLE
56
-
-
56
-
56
-
ns
VDD= 3.0V
12
-
-
12
-
12
-
VDD= 5.0V
Clock delay time to
data out
tDO
50
100
50
78
100
50
100
ns
VDD= 3.0V
15
40
15
30
40
15
40
VDD= 5.0V
Time width of CLR
tWCLR
55
-
55
-
-
55
-
ns
Set up time data to
clock
tSU
21
-
-
21
-
21
-
ns
VDD= 3.0V
7.0
-
-
7.0
-
7.0
-
VDD= 5.0V
Hold time data
from clock
tH
2.0
-
2.0
-
-
2.0
-
ns
VDD= 3.0 or 5.0V
Clock frequency
fCLK
-
8.0
-
-
8.0
-
8.0
MHz
VDD= 3.0V
-20-
-20-
20
VDD= 5.0V
Clock rise and fall
times
tR,tF
-50-
-50-
50
ns
Turn ON time
TON
-
5.0
-
-
5.0
-
5.0
µs
VSIG= VPP-10V, RLOAD=
10kΩ (Note 1)
Turn OFF time
TOFF
-
5.0
-
-
5.0
-
5.0
µs
VSIG= VPP-10V, RLOAD=
10kΩ (Note 1)
Maximum VSIG
slew rate
dv/dt
-20-
-20-
20
v/ns
VPP= +40V, VNN= -160V
-20-
-20-
20
VPP= +100V, VNN= -100V
-20-
-20-
20
VPP= +160V, VNN= -40V
OFF isolation
KO
-30
-
-30
-33
-
-30
-
dB
f = 5.0MHz, 1.0kΩ//15pF load
(Note 1)
-58
-
-58
-
-
-58
-
f = 5.0MHz, 50Ω load (Note 1)
Switch crosstalk
KCR
-60
-
-60
-70
-
-60
-
dB
f = 5.0MHz, 50Ω load (Note 1)
Output switch iso-
lation diode current
IID
-
300
-
-
300
-
300
mA
300ns pulse width,
2.0% duty cycle (Note 1)
OFF capacitance
SW to GND
CSG(OFF) 5.0
17
5.0
12
17
5.0
17
pF
0V, f = 1.0MHz
ON capacitance
SW to GND
CSG(ON)
25
50
25
38
50
25
50
pF
0V, f = 1.0MHz
Output voltage
spike
+VSPK
---
-
150
--
mV
VPP= +40V, VNN= -160V,
RLOAD= 50Ω (Note 1)
-VSPK
+VSPK
---
-
150
--
VPP= +100V, VNN= -100V,
RLOAD= 50Ω (Note 1)
-VSPK
+VSPK
---
-
150
--
VPP= +160V, VNN= -40V,
RLOAD= 50Ω (Note 1)
-VSPK
Charge injection
QC
---
820
---
pC
VPP= +40V, VNN= -160V,
VSIG= 0V (Note 1)
---
600
---
VPP= +100V, VNN= -100V,
VSIG= 0V (Note 1)
---
350
---
VPP= +160V, VNN= -40V,
VSIG= 0V (Note 1)


Similar Part No. - HV2701BD-M936

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV2701BD-M936 MICROCHIP-HV2701BD-M936 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results

Similar Description - HV2701BD-M936

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
logo
IXYS Corporation
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
   Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2621 MICROCHIP-HV2621 Datasheet
726Kb / 26P
   300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision A September 2019
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com