Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV2662GA-G Datasheet(PDF) 10 Page - Microchip Technology

Part # HV2662GA-G
Description  Low Harmonic Distortion, 24-Channel SPST High Voltage Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2662GA-G Datasheet(HTML) 10 Page - Microchip Technology

Back Button HV2662GA-G Datasheet HTML 6Page - Microchip Technology HV2662GA-G Datasheet HTML 7Page - Microchip Technology HV2662GA-G Datasheet HTML 8Page - Microchip Technology HV2662GA-G Datasheet HTML 9Page - Microchip Technology HV2662GA-G Datasheet HTML 10Page - Microchip Technology HV2662GA-G Datasheet HTML 11Page - Microchip Technology HV2662GA-G Datasheet HTML 12Page - Microchip Technology HV2662GA-G Datasheet HTML 13Page - Microchip Technology HV2662GA-G Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HV2662 / HV2762
DS20005372A-page 10
 2016 Microchip Technology Inc.
3.1
Application Information
FIGURE 3-2:
TEST CIRCUITS
DC Offset Switch
ON/OFF
V
PP
5V
V
NN
VPP
VNN
VDD
GND
V
OUT
T
ON/TOFF
Test Circuit
5V
GND
10kΩ
V
OUT
Output Switch
Isolation Diode Current
I
ID
5V
GND
V
NN
V
SIG
Switch Crosstalk
NC
5V
GND
50Ω
Output Voltage Spike
5V
GND
V
OUT
1kΩ
R
LOAD
50Ω
+V
SPK
–V
SPK
OFF Isolation
5V
GND
V
OUT
50Ω
R
LOAD
R
LOAD
V
PP
V
NN
VPP
VNN
VDD
V
PP
V
NN
VPP
VNN
VDD
V
PP
V
NN
VPP
VNN
VDD
V
PP
V
NN
VPP
VNN
VDD
V
PP
V
NN
VPP
VNN
VDD
K
CR = 20Log
V
OUT
V
IN
V
PP -10V
Switch Off Leakage
per Switch
RGND
Open
Q = 1000pF x ΔV
OUT
Charge Injection
5V
GND
V
PP
V
NN
VPP
VNN
VDD
V
PP
5V
V
NN
VPP
VNN
VDD
Open
I
SOL
GND
V
OUT
ΔV
OUT
1000pF
RGND
RGND
RGND
RGND
RGND
RGND
RGND
V
PP -10V
V
IN =10VPP
@5.0MHz
K
O = 20Log
V
OUT
V
IN
V
IN =10VPP
@5.0MHz
V
SIG
R
LOAD
100kΩ
HV2662
only
Note:
RGND only applies to HV2762.


Similar Part No. - HV2662GA-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2661 SUTEX-HV2661 Datasheet
740Kb / 8P
   Low Charge Injection 24-Channel High Voltage Analog Switch
More results

Similar Description - HV2662GA-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2605 SUTEX-HV2605 Datasheet
881Kb / 8P
   Low Harmonic Distortion 16-Channel High Voltage Analog Switch
HV2808 SUTEX-HV2808 Datasheet
661Kb / 7P
   Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch IC
logo
Microchip Technology
HV2802 MICROCHIP-HV2802 Datasheet
328Kb / 26P
   Low Harmonic Distortion, 32-Channel SPST
07/14/15
HV2803 MICROCHIP-HV2803 Datasheet
1,014Kb / 32P
   No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
Revision C May 2019
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
   16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
logo
Supertex, Inc
HV2733 SUTEX-HV2733 Datasheet
809Kb / 8P
   16-Channel, Low Harmonic Distortion, High Voltage Analog Switch with Bleed Resistors
HV2809 SUTEX-HV2809 Datasheet
791Kb / 7P
   Low Harmonic Distortion, 32-Channel, High Voltage Analog Switch Relay Replacement IC
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
   Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
   Low-Voltage SPST 0.4OHM Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com