Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1003 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RS1003
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS1003 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RS1003 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS1003 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 10 A
VOLTAGE RANGE: 50 - 1000V
1 of 2
RS1001-RS1007
SINGLE-PHASE BRIDGE RECTIFIER
l
l
l
Features
Ideal for printed circuit board
High forward surge current capability
l
l
l
l
l
Mechanical Data
Case: Transfer molded plastic
Terminal: Lead solderable per MIL-STD-202E method 208C
Mounting: Thru hole for #6 screw, 5 in.-lbs terque max
Weight: 0.27 ounce, 7.59 gram
Polarity: Polarity symbols marked on case
0
0
RRM
50
Volts
VRMS
Volts
VDC
Volts
TC=50
(Note 2)
TC=100
(Note 2)
M
TA=45
(Note 3)
I(AV)
Amps
IFSM
350
Amps
2t
373
A
2s
bridge element at 10.0A
1.0
Volts
TA=25
5.0
µAmps
TA=100
IR
mAmps
CJ
200
pF
RθJC
/W
TJ, TSTG
1.
2.
3.
www.sunmate.tw
RS1003 RS1004 RS1005 RS1006 RS1007
RS1001 RS1002
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
aximum Average Forward
Rectified Output Current, at
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
100
200
400
600
800
1000
Operating and Storage Temperature Range
Typical Thermal Resistance (Note 2)
Typical Junction Capacitance (Note 1)
Rating for Fusing (t<8.3ms)
I
Maximum DC Reverse Current at rated
DC blocking voltage per element
Maximum Instantaneous Forward Voltage Drop per
V
VF
10.0
8.0
6.0
-55 to +150
5.0
1.0
Low cost
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
NOTES:
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
Unit mounted on 6.0 x5.5 x0.24 thick (15x14x0.6cm) Al. plate.
Unit mounted in free air, no heatsink, P.C.B at 0.375 (9.5mm) lead length with 0.5 x0.5 (12x12cm) copper pads
Characteristic
Symbol
Unit
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.


Similar Part No. - RS1003

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS1003 MCC-RS1003 Datasheet
78Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
MIC GROUP RECTIFIERS
RS1003 MIC-RS1003 Datasheet
113Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
RS1003 CHENYI-RS1003 Datasheet
45Kb / 2P
   10Amp single phase bridge rectifier 50to1000 volts
logo
Micro Commercial Compon...
RS1003 MCC-RS1003 Datasheet
256Kb / 3P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
GOOD-ARK Electronics
RS1003FL GOOD-ARK-RS1003FL Datasheet
371Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results

Similar Description - RS1003

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com