Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2846 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2846 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2846 Datasheet HTML 1Page - Texas Instruments OPA2846 Datasheet HTML 2Page - Texas Instruments OPA2846 Datasheet HTML 3Page - Texas Instruments OPA2846 Datasheet HTML 4Page - Texas Instruments OPA2846 Datasheet HTML 5Page - Texas Instruments OPA2846 Datasheet HTML 6Page - Texas Instruments OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MPA4609
4
SBOS252E
www.ti.com
PIN
NAME
TYPE
DESCRIPTION
1
BinR–
A(1)
B –Channel Reverse Inverting Input
2
NC
Internally Not Connected - may be grounded
3
F/R
D
Forward or Reverse Channel Select Line
Ch. B and Ch. D
4
Bout+
A
B –Channel Non-Inverting Output
5
Bout–
AB –Channel Inverting Output
6
NC
Internally Not Connected - may be grounded
7
NC
Internally Not Connected - may be grounded
8
Dout–
AD –Channel Inverting Output
9
Dout+
A
D –Channel Non-Inverting Output
10
VCC
P
Supply Voltage (+5V nominal)
11
NC
Internally Not Connected - may be grounded
12
DinR–
AD –Channel Reverse Inverting Input
13
DinR+
A
D –Channel Reverse Non-Inverting Input
14
NC
Internally Not Connected - may be grounded
15
GND
G
Ground
16
DinF–
AD –Channel Forward Inverting Input
17
DinF+
A
D –Channel Forward Non-Inverting Input
18
NC
Internally Not Connected - may be grounded
19
NC
Internally Not Connected - may be grounded
20
CinF+
A
C –Channel Forward Non-Inverting Input
21
CinF–
AC –Channel Forward Inverting Input
22
GND
G
Ground
23
NC
Internally Not Connected - may be grounded
24
CinR+
A
C –Channel Reverse Non-Inverting Input
PIN DESCRIPTIONS
PIN
NAME
TYPE
DESCRIPTION
36
35
34
33
32
31
30
29
28
27
26
25
AinR–
NC
F/R
Aout+
Aout–
NC
NC
Cout–
Cout+
VCC
NC
CinR–
1
2
3
4
5
6
7
8
9
10
11
12
BinR–
NC
F/R
Bout+
Bout–
NC
NC
Dout–
Dout+
VCC
NC
DinR–
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
MPA4609IPFB
PIN CONFIGURATION
25
CinR–
AC –Channel Reverse Inverting Input
26
NC
Internally Not Connected - may be grounded
27
VCC
P
Supply Voltage (+5V nominal)
28
Cout+
A
C –Channel Non-Inverting Output
29
Cout–
AC –Channel Inverting Output
30
NC
Internally Not Connected - may be grounded
31
NC
Internally Not Connected - may be grounded
32
Aout–
AA –Channel Inverting Output
33
Aout+
A
A –Channel Non-Inverting Output
34
F/R
D
Forward or Reverse Channel Select Line
35
NC
Internally Not Connected - may be grounded
36
AinR–
AA –Channel Reverse Inverting Input
37
AinR+
A
A –Channel Reverse Non-Inverting Input
38
NC
Internally Not Connected - may be grounded
39
GND
G
Ground
40
AinF–
AA –Channel Forward Inverting Input
41
AinF+
A
A –Channel Forward Non-Inverting Input
42
NC
Internally Not Connected - may be grounded
43
NC
Internally Not Connected - may be grounded
44
BinF+
A
B –Channel Forward Non-Inverting Input
45
BinF–
AB –Channel Forward Inverting Input
46
GND
G
Ground
47
NC
Internally Not Connected - may be grounded
48
BinR+
A
B –Channel Reverse Non-Inverting Input
NOTE: (1) Pin Types: A (analog), D (digital), G (ground), P (power supply).


Similar Part No. - OPA2846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI-OPA2846 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846 TI1-OPA2846 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846ID TI-OPA2846ID Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846ID TI1-OPA2846ID Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA2846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPA4609 TI-MPA4609 Datasheet
558Kb / 21P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
Elite Semiconductor Mem...
F59L512M81A ESMT-F59L512M81A Datasheet
1Mb / 40P
   Command/Address/Data Multiplexed I/O Port
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4151 NSC-THS4151 Datasheet
1Mb / 35P
   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
NTE Electronics
NTE1135 NTE-NTE1135 Datasheet
20Kb / 2P
   Integrated Circuit High Gain Audio Preamp
logo
Texas Instruments
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com