Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS602 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # RS602
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

RS602 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  RS602 Datasheet HTML 1Page - SUNMATE electronic Co., LTD RS602 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
V
CURRENT: 6.0 A
VOLTAGE RANGE: 50 - 1000V
RS601 - RS607
RS-6
Dimensions in inches and (millimeters)
0.052(1.3)
0.048(1.2)
0.280(7.1)
0.268(6.8)
0.140
(3.5)
DIA.
1.0
(25.4)
MIN.
0.700(17.8)
0.600(16.8)
0.935(23.7)
0.895(22.7)
0.300
(7.5)
0.780(19.8)
0.740(18.8)
0.15 x0.23L
(3.8 x5.7L)
HOLE THRU
AC
0.220(5.6)
0.180(4.6)
150.0
93
10
1.0
105
4.7
-65 to +150
-65 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
RS601
6.0
6.0
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on 2.6” x 1.4 ” x0.06 ” thick(6.3x3.5x0.15cm)Al.plate.
3.Unit mounted on P.C. board with 0.5” x 0.5 ” (12x12mm) copper pads,0.375 ” (9.5mm) lead length.
RS602 RS603 RS604 RS605 RS606 RS607
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
TA=100 C(Note 2)
output rectified current at
TA=40 C(Note 3)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Rating for Fusing(t<8.3ms)
Maximum instantaneous forward voltage drop
per birdge element at 6.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance
Operating junction temperature range
storage temperature range
I t
CJ
RqJA
TJ
TSTG
IR
A s
2
2
VF
A
u
C
C/W
mA
C
pF
1.0
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375 ”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Features
Mechanical Data
SILICON BRIDGE RECTIFIERS
!
!
!
!
!
!
Case: Molded plastic body
Terminals: Plated leads solderable per
MIL-STD-750, Method 2026
Polarity: Polarity symbols marked on case
Weight:0.3 ounce, 8.0 grams
!
!
!
!
V
V
A
Unit
Characteristic
Symbol
1 of 2
www.sunmate.tw


Similar Part No. - RS602

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS602 RECTRON-RS602 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Shanghai Lunsure Electr...
RS602 CHENYI-RS602 Datasheet
48Kb / 2P
   6Amp single phase bridge rectifier 50to1000 volts
logo
New Jersey Semi-Conduct...
RS602 NJSEMI-RS602 Datasheet
87Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Bytes
RS602 BYTES-RS602 Datasheet
148Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS602 CHENG-YI-RS602 Datasheet
127Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - RS602

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com