Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA2HGBDQAASRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TDA2HGBDQAASRQ1
Description  TDA2x ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
Download  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2HGBDQAASRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TDA2HGBDQAASRQ1 Datasheet HTML 1Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 2Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 3Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 4Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 5Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 6Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 7Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 8Page - Texas Instruments TDA2HGBDQAASRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 380 page
background image
High-Speed Interconnect
Program/Data Storage
Connectivity
Display Subsystem
System
(ARM
Cortex–A15)
IVA HD
1080p Video
Co-Processor
DSP
(2x C66x
Co-Processors)
PCIe
GMAC AVB
Up to 2.5 MB
RAM w/ ECC
(NAND/NOR/
Async)
2x EVE Analytic Processors
GPMC / ELM
256KB ROM
OCMC
TDA2x Superset
MPU
Serial Interfaces
I2C x5
UART x10
McSPI x4
DCAN x2
Spinlock
Mailbox x13
GPIO x8
Timers x16
WDT
QSPI
LCD1
Overlay
1x GFX Pipeline
3x Video Pipelines
HDMI 1.4a
EMIF
1x 32b
DDR2/3 w/ ECC
JTAG
PLLs
OSC
EDMA
DMM
McASP x7
Vision AccelerationPac
VPE
2x MMU
VIP1
VIP2
VIP3
PWM SS x3
SDMA
BB2D
(GC320 2D)
MMC / SD x3
intro-001
3x USB 2.0
Dual Role FS/HS
2x w/ ULPI
RTC SS
LCD2
LCD3
(Dual Cortex–M4)
IPU 1
(Dual Cortex–M4)
IPU 2
GPU
(SGX544 3D)
Copyright © 2016, Texas Instruments Incorporated
3
TDA2HA-17, TDA2HG-17
www.ti.com
SPRS952A – DECEMBER 2015 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TDA2HA-17 TDA2HG-17
Device Overview
Copyright © 2015–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 is functional block diagram of the superset.
Figure 1-1. TDA2x Block Diagram


Similar Part No. - TDA2HGBDQAASRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2HGBDQABCQ1 TI1-TDA2HGBDQABCQ1 Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2HGBDQABCRQ1 TI1-TDA2HGBDQABCRQ1 Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
More results

Similar Description - TDA2HGBDQAASRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
TDA2SX TI1-TDA2SX_V01 Datasheet
6Mb / 427P
[Old version datasheet]   TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2PSX-ACD TI1-TDA2PSX-ACD Datasheet
5Mb / 454P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_18 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD_19 Datasheet
5Mb / 466P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ACD TI1-TDA2P-ACD Datasheet
5Mb / 457P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ACD Package) Silicon Revision 1.0
TDA2P-ABZ TI1-TDA2P-ABZ Datasheet
5Mb / 465P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2P-ABZ TI1-TDA2P-ABZ_19 Datasheet
5Mb / 464P
[Old version datasheet]   Applications Processor 23mm Package (ABZ Package) Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com