Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1711 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1711
Description  150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1711 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1711 Datasheet HTML 1Page - Microchip Technology MCP1711 Datasheet HTML 2Page - Microchip Technology MCP1711 Datasheet HTML 3Page - Microchip Technology MCP1711 Datasheet HTML 4Page - Microchip Technology MCP1711 Datasheet HTML 5Page - Microchip Technology MCP1711 Datasheet HTML 6Page - Microchip Technology MCP1711 Datasheet HTML 7Page - Microchip Technology MCP1711 Datasheet HTML 8Page - Microchip Technology MCP1711 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005415C-page 3
MCP1711
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage, VIN.....................................................................................................................................................+6.5V
VIN, SHDN.................................................................................................................................................. -0.3V to +6.5V
Output Current, IOUT (1).........................................................................................................................................470 mA
Output Voltage, VOUT (2)....................................................................................................... -0.3V to VIN + 0.3V or +6.5V
Power Dissipation
5-Lead SOT-23 ..................................................... 600 mW (JEDEC 51-7 FR-4 board with thermal vias) or 250 mW (3)
4-Lead 1 x 1 mm UQFN........................................ 550 mW (JEDEC 51-7 FR-4 board with thermal vias) or 100 mW (3)
Storage Temperature .............................................................................................................................. -55°C to +125°C
Operating Ambient Temperature............................................................................................................... -40°C to +85°C
ESD Protection on all pins ...........................................................................................................±1 kV HBM, ±200V MM
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
Note 1: Provided that the device is used in the range of IOUT  PD/(VIN - VOUT).
2: The maximum rating corresponds to the lowest value between VIN + 0.3V or +6.5V.
3: The device is mounted on one layer PCB with minimal copper that does not provide any additional cooling.
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VSHDN = VIN, IOUT = 1 mA, CIN = COUT = 0 µF, VIN = 3.5V for
VR < 2.5V and VIN = VR + 1V for VR  2.5V, TA = +25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input-Output Characteristics
Input Voltage
VIN
1.4
6.0
V
IOUT = 1 µA
Output Voltage
VOUT
VR - 0.02
VR
VR + 0.02
V
VR < 2.0V
VR x 0.99
VR
VR x 1.01
VR  2.0V
Maximum Output Current
IOUT
150
mA
Load Regulation
VOUT
-16
±3
+16
mV
1 µA
 IOUT  1 mA
-50
±17
+50
1 mA
 IOUT  150 mA
Dropout Voltage (1)
VDROPOUT1
—VDROP1 (2)
VIOUT = 50 mA
VDROPOUT2
—VDROP2 (2)
IOUT = 150 mA
Input Quiescent Current
Iq
0.60
1.27
µA
VR < 1.9V
0.65
1.50
1.9V
 VR < 4.0V
0.80
1.80
VR  4.0V
Input Quiescent Current
for SHDN mode
ISHDN
0.01
0.10
µA
VIN = 6.0V
VSHDN = VIN
Line Regulation
VOUT/
(
VIN x VOUT)
-0.13
±0.01
+0.13
%/V
IOUT = 1 µA
VR + 0.5V  VIN  6.0V
-0.19
±0.01
+0.19
IOUT = 1 mA
VR
1.2V,VR + 0.5V  VIN
6.0V
Note 1: The dropout voltage is defined as the input to output differential at which the output voltage drops 2%
below the output voltage value that was measured with an applied input voltage of VIN = VR + 1V.
2: VDROP1, VDROP2: Dropout Voltage (Refer to the DC Characteristics Voltage Table).


Similar Part No. - MCP1711

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710T-12I/LZ MICROCHIP-MCP1710T-12I/LZ Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
MCP1710T-12I/LZ MICROCHIP-MCP1710T-12I/LZ Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710T-12I/LZ MICROCHIP-MCP1710T-12I/LZ Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710T-15I/LZ MICROCHIP-MCP1710T-15I/LZ Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
More results

Similar Description - MCP1711

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com