Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK7526-100B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK7526-100B
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7526-100B Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK7526-100B Datasheet HTML 1Page - NXP Semiconductors BUK7526-100B Datasheet HTML 2Page - NXP Semiconductors BUK7526-100B Datasheet HTML 3Page - NXP Semiconductors BUK7526-100B Datasheet HTML 4Page - NXP Semiconductors BUK7526-100B Datasheet HTML 5Page - NXP Semiconductors BUK7526-100B Datasheet HTML 6Page - NXP Semiconductors BUK7526-100B Datasheet HTML 7Page - NXP Semiconductors BUK7526-100B Datasheet HTML 8Page - NXP Semiconductors BUK7526-100B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Philips Semiconductors
BUK75/7626-100B
TrenchMOS™ standard level FET
Product data
Rev. 01 — 11 April 2003
5 of 15
9397 750 11238
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
5.
Characteristics
Table 4:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C
100
-
-
V
Tj = −55 °C89
-
-
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C2
3
4
V
Tj = 175 °C1
-
-
V
Tj = −55 °C
-
-
4.4
V
IDSS
drain-source leakage current
VDS = 100 V; VGS =0V
Tj =25 °C
-
0.02
1
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS = 0 V
-
2
100
nA
RDSon
drain-source on-state
resistance
VGS =10V; ID =25A;
Figure 7 and 8
Tj =25 °C
-
22
26
m
Tj = 175 °C-
-
65
m
Dynamic characteristics
Qg(tot)
total gate charge
VGS =10V; VDD =80V;
ID =25A; Figure 14
-38
-
nC
Qgs
gate-source charge
-
9
-
nC
Qgd
gate-drain (Miller) charge
-
13
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 12
-
2168
2891
pF
Coss
output capacitance
-
238
286
pF
Crss
reverse transfer capacitance
-
102
140
pF
td(on)
turn-on delay time
VDD = 30 V; RL = 1.2 Ω;
VGS =10V; RG =10 Ω
-21
-
ns
tr
rise time
-
40
-
ns
td(off)
turn-off delay time
-
47
-
ns
tf
fall time
-
19
-
ns
Ld
internal drain inductance
from drain lead 6 mm from
package to centre of die
-
4.5
-
nH
from contact screw on
mounting base to centre of
die SOT78
-
3.5
-
nH
from upper edge of drain
mounting base to centre of
die SOT404
-
2.5
-
nH
Ls
internal source inductance
from source lead 6 mm from
package to source bond pad
-
7.5
-
nH


Similar Part No. - BUK7526-100B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK7526-100B ISC-BUK7526-100B Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7526-100B NEXPERIA-BUK7526-100B Datasheet
365Kb / 13P
   N-channel TrenchMOS standard level FET
25 February 2014
More results

Similar Description - BUK7526-100B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com