Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5356VN Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK5356VN
Description  LOW POWER 20BIT ADC WITH MIC AMP & PGA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5356VN Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK5356VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK5356VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ASAHI KASEI
[AK5356]
MS0171-E-00
2002/08
- 1 -
GENERAL DESCRIPTION
The AK5356 is a low voltage 20bit A/D converter for digital audio system. The AK5356 also includes
microphone amplifier and analog input PGA, making it suitable for microphone applications or low-input
signal levels. As digital power supply of the AK5356 corresponds to 1.8V, the interface with
microprocessor can operate at low voltage. The AK5356 is housed in a space-saving 28-pin QFN
package.
FEATURES
1. MIC Block
• MIC Power
• Pre-Amplifier (+13dB / +18dB / +28dB / +33dB)
2. 20bit 2ch ADC
• 2-Input Stereo Selector
• Analog Input PGA: +28dB ∼ - 52dB, Mute
• S/(N+D): 84dB
• DR, S/N: 89dB
• Monaural Mixing
• Digital HPF for DC-offset cancellation (fc=3.4Hz@fs=44.1kHz)
3. 3-wire Serial Control I/F
4. Master Clock: 256fs/384fs
5. Audio Data Format: MSB First, 2’s compliment
• 16/20bit MSB justified or 16/20bit I2S compatible
6. Power Supply Voltage
• AVDD: 2.0 ∼ 3.3V
• MVDD: 2.4 ∼ 3.3V
• DVDD: 1.8 ∼ 3.3V
7. Power Supply Current
• MIC Block: 3.4mA
• IPGA+ADC: 6mA
8. Ta = - 40
∼ 85°C
9. Package: 28pin QFN
Low Power 20-Bit ADC with MIC-Amp & PGA
AK5356


Similar Part No. - AK5356VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5351 AKM-AK5351 Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5351 AKM-AK5351 Datasheet
1Mb / 21P
   EVALUATION BOARD REV.B FOR AK5351
AK5351-VF AKM-AK5351-VF Datasheet
174Kb / 19P
   Enhanced Dual bit 20bit ADC
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
   96kHz Sampling 20bit ADC
AK5352 AKM-AK5352 Datasheet
2Mb / 27P
   EVALUATION BOARD REV.B FOR AK5352
More results

Similar Description - AK5356VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK5704 AKM-AK5704 Datasheet
4Mb / 109P
   Low-Power 4-ch 32-bit ADC with MIC-Amp
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
   4-Channel ADC with PLL & MIC-AMP
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com