Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP16301 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP16301
Description  High-Voltage Input Integrated Switch Step-Down Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP16301_15 Datasheet HTML 4Page - Microchip Technology MCP16301_15 Datasheet HTML 5Page - Microchip Technology MCP16301_15 Datasheet HTML 6Page - Microchip Technology MCP16301_15 Datasheet HTML 7Page - Microchip Technology MCP16301_15 Datasheet HTML 8Page - Microchip Technology MCP16301_15 Datasheet HTML 9Page - Microchip Technology MCP16301_15 Datasheet HTML 10Page - Microchip Technology MCP16301_15 Datasheet HTML 11Page - Microchip Technology MCP16301_15 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP16301/H
DS20005004D-page 8
 2011-2015 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN =EN = 12V, COUT =CIN =2 X10 µF, L = 15 µH, VOUT =3.3V, ILOAD =200 mA,
TA =+25°C.
FIGURE 2-19:
Start-Up from VIN.
FIGURE 2-20:
Load Transient Response.
FIGURE 2-21:
Line Transient Response.
VOUT = 3.3V
IOUT = 100 mA
VIN = 12V
VOUT
1V/DIV
VIN
5V/DIV
100 µs/DIV
VOUT = 3.3V
IOUT = 100 mA to 600
mA
VOUT
AC coupled
100 mV/DIV
IOUT
200 mA/DIV
100 µs/DIV
VOUT = 3.3V
IOUT = 100 mA
VIN = 8V to 12V Step
VOUT
AC coupled
100 mV/DIV
VIN
2V/DIV
10 µs/DIV


Similar Part No. - MCP16301_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_11 Datasheet
211Kb / 18P
   MCP16301 600 mA DEMO BOARD
05/02/11
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
More results

Similar Description - MCP16301_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
   High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
   High Voltage Input Integrated Switch Step-Down Regulator
2011
MCP16331 MICROCHIP-MCP16331_V01 Datasheet
1Mb / 48P
   High-Voltage Input Integrated Switch Step-Down Regulator
Revision D January 2021
MCP16301 MICROCHIP-MCP16301_12 Datasheet
1Mb / 40P
   High-Voltage Input Integrated Switch Step-Down Regulator
2011-2012 10/26/12
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
   30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311_V01 Datasheet
1Mb / 40P
   30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A8499 ALLEGRO-A8499 Datasheet
307Kb / 7P
   High Voltage Step-Down Regulator
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
   High Voltage Step Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com