Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR105UAG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # XTR105UAG4
Description  4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR105UAG4 Datasheet(HTML) 5 Page - Texas Instruments

  XTR105UAG4 Datasheet HTML 1Page - Texas Instruments XTR105UAG4 Datasheet HTML 2Page - Texas Instruments XTR105UAG4 Datasheet HTML 3Page - Texas Instruments XTR105UAG4 Datasheet HTML 4Page - Texas Instruments XTR105UAG4 Datasheet HTML 5Page - Texas Instruments XTR105UAG4 Datasheet HTML 6Page - Texas Instruments XTR105UAG4 Datasheet HTML 7Page - Texas Instruments XTR105UAG4 Datasheet HTML 8Page - Texas Instruments XTR105UAG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
XTR105
5
SBOS061B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and V+ = 24V, unless otherwise noted.
1
10
100
1k
10k
Frequency (Hz)
INPUT VOLTAGE AND CURRENT
NOISE DENSITY vs FREQUENCY
100k
10k
1k
100
10
10k
1k
100
10
Current Noise
Voltage Noise
1
10
100
1k
10k
Frequency (Hz)
ZERO OUTPUT AND REFERENCE
CURRENT NOISE vs FREQUENCY
100k
10k
1k
100
10
Zero Output Current
Reference Current
–75
–50
–25
0
25
50
75
100
Temperature (
°C)
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
125
25
20
15
10
5
0
+I
B
I
OS
–I
B
–75
–50
–25
0
25
50
75
100
Temperature (°C)
ZERO OUTPUT CURRENT ERROR
vs TEMPERATURE
125
4
2
0
–2
–4
–6
–8
–10
–12
Input Offset Voltage Drift (
µV/°C)
INPUT OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
50
45
40
35
30
25
20
15
10
5
0
0.1%
0.02%
Typical Production Distribution
of Packaged Units.
Zero Output Drift (
µA/°C)
ZERO OUTPUT DRIFT
PRODUCTION DISTRIBUTION
40
35
30
25
20
15
10
5
0
Typical Production Distribution
of Packaged Units.


Similar Part No. - XTR105UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
More results

Similar Description - XTR105UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com