Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111AIDRCT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111AIDRCT
Description  Precision Voltage-to-Current Converter/Transmitter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111AIDRCT Datasheet(HTML) 2 Page - Texas Instruments

  XTR111AIDRCT Datasheet HTML 1Page - Texas Instruments XTR111AIDRCT Datasheet HTML 2Page - Texas Instruments XTR111AIDRCT Datasheet HTML 3Page - Texas Instruments XTR111AIDRCT Datasheet HTML 4Page - Texas Instruments XTR111AIDRCT Datasheet HTML 5Page - Texas Instruments XTR111AIDRCT Datasheet HTML 6Page - Texas Instruments XTR111AIDRCT Datasheet HTML 7Page - Texas Instruments XTR111AIDRCT Datasheet HTML 8Page - Texas Instruments XTR111AIDRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
DFN-10
DRC
BSV
XTR111
MSOP-10
DGQ
CCM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range (unless otherwise noted)
XTR111
UNIT
Power Supply Voltage, VVSP
+44
V
Voltage at SET(3)
–0.5 to +14
V
Voltage at IS(3) (4)
(VVSP) – 5.5 to (VVSP) + 0.5
V
Voltage at REGS, REGF, VIN, OD, EF
–0.5 to (VVSP) + 0.5
V
Voltage at REGF, VG
–0.5 to (VVSP) + 0.5
V
Current into any pin(3) (4) (5)
±25
mA
Output Short-Circuit Duration(6):
VG
Continous to common and VVSP
REGF
Continous to common and VVSP
Operating Temperature
–55 to +125
°C
Storage Temperature
–65 to +150
°C
Electrostatic Discharge Rating (HBM)
2000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Refer to the Package Option Addendum at the end of this document for lead temperature ratings.
(3)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails must
be current limited.
(4)
The IS pin current absolute maximum rating is +25mA and
–50mA.
(5)
See the following sections Explanation of Pin Functions, External MOSFET, and Voltage Regulator in Application Information regarding
safe voltage ranges and currents.
(6)
See text in Application Information regarding safe voltage ranges and currents.
2
Copyright
© 2006–2011, Texas Instruments Incorporated


Similar Part No. - XTR111AIDRCT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111AIDRCT BURR-BROWN-XTR111AIDRCT Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDRCT BURR-BROWN-XTR111AIDRCT Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
logo
Texas Instruments
XTR111AIDRCT TI-XTR111AIDRCT Datasheet
1Mb / 14P
[Old version datasheet]   XTR111 Demonstration Fixture Users Guide
Revised April 2013
logo
Burr-Brown (TI)
XTR111AIDRCTG4 BURR-BROWN-XTR111AIDRCTG4 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111AIDRCT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com