Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR111AIDRCR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # XTR111AIDRCR
Description  Precision Voltage-to-Current Converter/Transmitter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111AIDRCR Datasheet(HTML) 11 Page - Texas Instruments

Back Button XTR111AIDRCR Datasheet HTML 7Page - Texas Instruments XTR111AIDRCR Datasheet HTML 8Page - Texas Instruments XTR111AIDRCR Datasheet HTML 9Page - Texas Instruments XTR111AIDRCR Datasheet HTML 10Page - Texas Instruments XTR111AIDRCR Datasheet HTML 11Page - Texas Instruments XTR111AIDRCR Datasheet HTML 12Page - Texas Instruments XTR111AIDRCR Datasheet HTML 13Page - Texas Instruments XTR111AIDRCR Datasheet HTML 14Page - Texas Instruments XTR111AIDRCR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
5V/div
5V/div
10 s/div
m
PhototakenwithC
=130pF
GATE
10V/div
2V/div
10 s/div
m
PhototakenwithC
=130pF
GATE
10mV/div
1V/div
40 s/div
m
2V/div
10mV/div
40 s/div
m
-75
-50
Temperature( C)
°
125
29
27
25
23
21
19
17
15
-25
0
25
50
75
100
XTR111
www.ti.com
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
STEP RESPONSE: VFS = 4V, RSET = 2kΩ, RLD = 600Ω
STEP RESPONSE: VFS = 2.5V, RSET = 1.25kΩ, RLD = 600Ω
(Rising Edge Depends on CGATE at VG Pin)
(Rising Edge Depends on CGATE at VG Pin)
Figure 31.
Figure 32.
REGULATOR LOAD TRANSIENT
REGULATOR LOAD TRANSIENT
(VREG Gain = 1V, VREGF = 3V, CL = 470nF,
(VREG Gain = 4V, VREGF = 12V, CL = 470nF,
ILOAD = 3mA ± 0.3mA)
ILOAD = 3mA ± 0.3mA)
Figure 33.
Figure 34.
MAXIMUM REGULATOR CURRENT vs TEMPERATURE
Figure 35.
Copyright
© 2006–2011, Texas Instruments Incorporated
11


Similar Part No. - XTR111AIDRCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111AIDRCR BURR-BROWN-XTR111AIDRCR Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDRCR BURR-BROWN-XTR111AIDRCR Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDRCRG4 BURR-BROWN-XTR111AIDRCRG4 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111AIDRCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111_14 Datasheet
1Mb / 33P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com