Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR101BG Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # XTR101BG
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR101BG Datasheet(HTML) 7 Page - Texas Instruments

Back Button XTR101BG Datasheet HTML 3Page - Texas Instruments XTR101BG Datasheet HTML 4Page - Texas Instruments XTR101BG Datasheet HTML 5Page - Texas Instruments XTR101BG Datasheet HTML 6Page - Texas Instruments XTR101BG Datasheet HTML 7Page - Texas Instruments XTR101BG Datasheet HTML 8Page - Texas Instruments XTR101BG Datasheet HTML 9Page - Texas Instruments XTR101BG Datasheet HTML 10Page - Texas Instruments XTR101BG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
XTR101
SBOS146A − OCTOBER 1986 − REVISED AUGUST 2004
www.ti.com
7
INSTALLATION AND
OPERATING INSTRUCTIONS
BASIC CONNECTION
See Figure 1 for the basic connection of the XTR101. A
difference voltage applied between input pins 3 and 4 will
cause a current of 4-20mA to circulate in the two-wire
output loop (through RL, VPS, and D1). For applications
requiring moderate accuracy, the XTR101 operates very
cost-effectively with just its internal drive transistor. For
more demanding applications (high accuracy in high gain),
an external NPN transistor can be added in parallel with
the internal one. This keeps the heat out of the XTR101
package and minimizes thermal feedback to the input
stage. Also, in such applications where the eIN full-scale
is small (< 50mV) and RSPAN is small (< 150Ω), caution
should be taken to consider errors from the external span
circuit plus high amplification of offset drift and noise.
OPTIONAL EXTERNAL TRANSISTOR
The optional external transistor, when used, is connected
in parallel with the XTR101 internal transistor. The purpose
is to increase accuracy by reducing heat change inside the
XTR101 package as the output current spans from
4-20mA. Under normal operating conditions, the internal
transistor is never completely turned off, as shown in
Figure 2. This maintains frequency stability with varying
external transistor characteristics and wiring capacitance.
The actual current sharing between internal and external
transistors is dependent on two factors:
1.
relative geometry of emitter areas, and
2.
relative package dissipation (case size and thermal
conductivity).
For best results, the external device should have a larger
base-emitter area and smaller package. It will, upon
turn-on, take about [0.95(IO − 3.3mA)]mA. However, it will
heat faster and take a greater share after a few seconds.
1mA
10
7
1mA
11
Q
EXT
23.6V, 377mW
12
B
210
52.6
1.5mA
Quiescent
18mA
20mA
R
L
250
Short−Circuit
Worst−Case
V
PS
40V
20mA
4mA
16mA
750
12V, 200mW
Q
INT 18mW
+V
CC
8
I
OUT
NOTES: (1) An external transistor is used in the manufacturing test circuit for testing electrical specifications.
(2) This resistor is required for the 2N2222 with V
PS > 24V to limit power dissipation.
3.47V, 60mW
XTR101
3.5mA
0.95V, 17mW
E
(2)
2N2222
(1)
2mA
9
0.5mA
Type
2N4922
TIP29B
TIP31B
Package
TO−225
TO−220
TO−220
Other Suitable Types
Figure 2. Power Calculation of the XTR101 with an External Transistor


Similar Part No. - XTR101BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101BG BURR-BROWN-XTR101BG Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101BG TI-XTR101BG Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101BG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com