Electronic Components Datasheet Search |
|
TMS320C10FNA Datasheet(PDF) 7 Page - Texas Instruments |
|
TMS320C10FNA Datasheet(HTML) 7 Page - Texas Instruments |
7 / 149 page SPRS009C – JANUARY 1987 – REVISED JULY 1991 TMS320C1x DIGITAL SIGNAL PROCESSORS POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 7 instruction set A comprehensive instruction set supports both numeric-intensive operations, such as signal processing, and general-purpose operations, such as high-speed control. All of the ′C1x devices are object-code compatible and use the same 60 instructions. The instruction set consists primarily of single-cycle single-word instructions, permitting execution rates of more than six million instructions per second. Only infrequently used branch and I/O instructions are multicycle. Instructions that shift data as part of an arithmetic operation execute in a single cycle and are useful for scaling data in parallel with other operations. NOTE The BIO pin on other ′C1x devices is not available for use in the ′C14/E14/P14. An attempt to execute the BIOZ (Branch on BIO low) instruction will result in a two cycle NOP action. Three main addressing modes are available with the instruction set: direct, indirect, and immediate addressing. direct addressing In direct addressing, seven bits of the instruction word concatenated with the 1-bit data page pointer form the data memory address. This implements a paging scheme in which the first page contains 128 words, and the second page contains up to 128 words. indirect addressing Indirect addressing forms the data memory address from the least-significant eight bits of one of the two auxiliary registers, AR0-AR1. The Auxiliary Register Pointer (ARP) selects the current auxiliary register. The auxiliary registers can be automatically incremented or decremented and the ARP changed in parallel with the execution of any indirect instruction to permit single-cycle manipulation of data tables. Indirect addressing can be used with all instructions requiring data operands, except for the immediate operand instructions. immediate addressing Immediate instructions derive data from part of the instruction word rather than from the data RAM. Some useful immediate instructions are multiply immediate (MPYK), load accumulator immediate (LACK), and load auxiliary register immediate (LARK). instruction set summary Table 2 lists the symbols and abbreviations used in Table 3, the instruction set summary. Table 3 contains a short description and the opcode for each ′C1x instruction. The summary is arranged according to function and alphabetized within each functional group. Table 2. Instruction Symbols SYMBOL MEANING ACC Accumulator D Data memory address field M Addressing mode bit K Immediate operand field PA 3-bit port address field R 1-bit operand field specifying auxiliary register S 4-bit left-shift code X 3-bit accumulator left-shift field |
Similar Part No. - TMS320C10FNA |
|
Similar Description - TMS320C10FNA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |