Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR103AP2 Datasheet(PDF) 2 Page - Texas Instruments

Part # XTR103AP2
Description  4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR103AP2 Datasheet(HTML) 2 Page - Texas Instruments

  XTR103AP2 Datasheet HTML 1Page - Texas Instruments XTR103AP2 Datasheet HTML 2Page - Texas Instruments XTR103AP2 Datasheet HTML 3Page - Texas Instruments XTR103AP2 Datasheet HTML 4Page - Texas Instruments XTR103AP2 Datasheet HTML 5Page - Texas Instruments XTR103AP2 Datasheet HTML 6Page - Texas Instruments XTR103AP2 Datasheet HTML 7Page - Texas Instruments XTR103AP2 Datasheet HTML 8Page - Texas Instruments XTR103AP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
XTR103
T Specification same as XTR103BP.
NOTES: (1) Includes corrected Pt100 nonlinearity for process measurement spans greater than 100
°C, and over-temperature zero and span effects. Does not include
initial offset and gain errors which are normally trimmed to zero at 25
°C. (2) Describes accuracy of the 4mA low-scale offset current. Does not include input amplifier
effects. Can be trimmed to zero. (3) Voltage measured with respect to I
O pin. (4) Does not include TCR of gain-setting resistor, RG. (5) Measured with RLIN = ∞ to
disable linearization feature.
I
O = VIN • (0.016 + 40/RG) + 4mA, VIN in
Volts, R
G in Ω
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, V+ = 24V, and 2N6121 external transistor, unless otherwise noted.
XTR103BP/BU
XTR103AP/AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT
Output Current Equation
A
Total Adjusted Error (1)
TMIN to TMAX
±1
±2
% of FS
Output Current, Specified Range
4
20
TT
mA
Over-Scale Limit
34
40
TT
mA
Under Scale-Limit
3.6
3.8
TT
mA
Full Scale Output Error
VIN = 1V, RG = ∞±15
±50
T
±100
µA
Noise: 0.1Hz to 1kHz
RG = 40Ω
8
T
µAp-p
ZERO OUTPUT(2)
VIN = 0, RG = ∞
4
T
mA
Initial Error
±5
±50
T
±100
µA
vs Temperature
±0.2
±0.5
T
±1
µA/°C
vs Supply Voltage, V+
V+ = 9V to 40V(3)
0.5
2
TT
µA/V
vs Common-Mode Voltage
VCM = 2V to 4V(3)
0.1
2
TT
µA/V
SPAN
Span Equation (Transconductance)
S = 0.016 + 40/RG
T
A/V
Untrimmed Error
RG ≥ 75Ω±0.1
±1
TT
%
vs Temperature(4)
±20
±50
T
±100
ppm/
°C
Nonlinearity: Ideal Input
0.01
T
%
RTD Input
Pt100: –200
°C to +850°C
0.1
T
%
RLIN = 1127Ω
INPUT
Differential Range
RG = ∞
1
T
V
Input Voltage Range(3)
24
TT
V
Common-Mode Rejection
VIN = 2V to 4V(3)
80
100
TT
dB
Impedance: Differential
3
T
G
Common-Mode
0.5
T
G
Offset Voltage
±0.5
±2.5
TT
mV
vs Temperature
±1
±2.5
±2
±5
µV/°C
vs Supply Voltage, V+
V+ = 9V to 40V(3)
110
130
TT
dB
Input Bias Current
100
250
TT
nA
vs Temperature
0.1
2
TT
nA/
°C
Input Offset Current
2
20
TT
nA
vs Temperature
0.01
0.25
TT
nA/
°C
CURRENT SOURCES(5)
Current
0.8
T
mA
Accuracy
±0.25
±0.5
T
±1%
vs Temperature
±25
±50
±50
±100
ppm/
°C
vs Power Supply, V+
V+ = 9V to 40V(3)
50
T
ppm/V
Compliance Voltage(3)
(V–IN) – 0.2
(V+) – 5
TT
V
Matching
±0.5
T
%
vs Temperature
±10
±25
T
±50
ppm/
°C
vs Power Supply, V+
V+ = 9V to 40V(3)
10
T
ppm/V
POWER SUPPLY
Voltage Range(3), V+
9
40
TT
V
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
85
TT
°C
Operating
–40
125
TT
°C
θ
JA
80
T
°C/W


Similar Part No. - XTR103AP2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR103AP BURR-BROWN-XTR103AP Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
More results

Similar Description - XTR103AP2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
XTR106 TI1-XTR106 Datasheet
587Kb / 22P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com