Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR101AG Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # XTR101AG
Description  Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR101AG Datasheet(HTML) 2 Page - Texas Instruments

  XTR101AG Datasheet HTML 1Page - Texas Instruments XTR101AG Datasheet HTML 2Page - Texas Instruments XTR101AG Datasheet HTML 3Page - Texas Instruments XTR101AG Datasheet HTML 4Page - Texas Instruments XTR101AG Datasheet HTML 5Page - Texas Instruments XTR101AG Datasheet HTML 6Page - Texas Instruments XTR101AG Datasheet HTML 7Page - Texas Instruments XTR101AG Datasheet HTML 8Page - Texas Instruments XTR101AG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
XTR101
SBOS146A − OCTOBER 1986 − REVISED AUGUST 2004
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, +VCC
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, e1 or e2
≥ VOUT, ≤ +VCC
. . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Ceramic
−55
°C to +165°C
. . . . . . . . .
Plastic
−55
°C to +125°C
. . . . . . . . . .
Lead Temperature (soldering, 10s) G, P
+300
°C
. . . . . . . . . . . . . . .
(wave soldering, 3s) U
+260
°C
. . . . . . . . . . . . . .
Output Short-Circuit Duration
Continuous +VCC to IOUT
. . . . . . .
Junction Temperature
+165
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION
PRODUCT
PACKAGE-
LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
Ceramic
JD
XTR101AG
Ceramic
DIP-14
JD
XTR101BG
XTR101
Plastic
DIP-14
N
−40
°C to +85°C
XTR101AP
SO-16
DW
XTR101AU
(1)
For the most current package and ordering information, see the Package
Option Addendum located at the end of this data sheet.
PIN CONFIGURATION
Top View
DIP
Top View
SO
Zero Adjust
Zero Adjust
−In
+In
Span
Span
Out
Zero Adjust
Bandwidth
BControl
I
REF2
I
REF1
E
+V
CC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DIP
Zero Adjust
Zero Adjust
−In
+In
Span
Span
Out
NC
Zero Adjust
Bandwidth
BControl
I
REF2
I
REF1
E
+V
CC
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SOL−16
Surface−Mount
NC = No Connection


Similar Part No. - XTR101AG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101AG BURR-BROWN-XTR101AG Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101AG TI-XTR101AG Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
More results

Similar Description - XTR101AG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR101 BURR-BROWN-XTR101 Datasheet
195Kb / 15P
   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
logo
Texas Instruments
XTR101 TI-XTR101 Datasheet
736Kb / 25P
[Old version datasheet]   Precision, Low Drift 4-20mA TWO-WIRE TRANSMITTER
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
IXR100 BURR-BROWN-IXR100 Datasheet
110Kb / 14P
   Isolated, Self-Powered, Temperature Sensor Conditioning 4-20mA TWO-WIRE TRANSMITTER
logo
Maxim Integrated Produc...
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
logo
National Semiconductor ...
LH0045 NSC-LH0045 Datasheet
456Kb / 12P
   TWO WIRE TRANSMITTER
logo
Texas Instruments
XTR108-DIE TI1-XTR108-DIE Datasheet
122Kb / 5P
[Old version datasheet]   TWO-WIRE TRANSMITTER
XTR117 TI-XTR117 Datasheet
187Kb / 11P
[Old version datasheet]   4-20mA Current-Loop Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com