Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75115 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75115
Description  DUAL DIFFERENTIAL RECEIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75115 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75115 Datasheet HTML 2Page - Texas Instruments SN75115 Datasheet HTML 3Page - Texas Instruments SN75115 Datasheet HTML 4Page - Texas Instruments SN75115 Datasheet HTML 5Page - Texas Instruments SN75115 Datasheet HTML 6Page - Texas Instruments SN75115 Datasheet HTML 7Page - Texas Instruments SN75115 Datasheet HTML 8Page - Texas Instruments SN75115 Datasheet HTML 9Page - Texas Instruments SN75115 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 30 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
SN55115
SN75115
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time,
low-to-high level output
RL = 3.9 kΩ, See Figure 1
18
50
18
75
ns
tPHL
Propagation delay time,
high-to-low level output
RL = 390 Ω,
See Figure 1
20
50
20
75
ns
PARAMETER MEASUREMENT INFORMATION
STRB
90%
0 V
0 V
10%
90%
≤ 5 ns
≤ 5 ns
tPHL
1.5 V
VOL
VOH
–3 V
3 V
Output
Differential
Input
tPLH
1.5 V
VO
RL
5 V
YP
YS
CL = 30 pF
(see Note B)
Response
Time Control
Open
2.4 V
Open
RT
B
A
Input
Pulse
Generator
(see Note A)
10%
TEST CIRCUIT
VOLTAGE WAVEFORM
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, PRR ≤ 500 kHz, tw ≤ 100 ns, duty cycle = 50%.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms


Similar Part No. - SN75115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75115 TI-SN75115 Datasheet
183Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115 TI1-SN75115 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75115D TI1-SN75115D Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN75115D TI1-SN75115D Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75115DE4 TI1-SN75115DE4 Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
More results

Similar Description - SN75115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75115NSR TI1-SN75115NSR Datasheet
940Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI-SN55115 Datasheet
183Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
SN55115 TI1-SN55115_V01 Datasheet
1Mb / 25P
[Old version datasheet]   DUAL DIFFERENTIAL RECEIVERS
REVISED MAY 1998
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com