Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7351 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV7351
Description  8-Channel, 짹70V, 3A Programmable High-Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV7351 Datasheet HTML 4Page - Microchip Technology HV7351 Datasheet HTML 5Page - Microchip Technology HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology HV7351 Datasheet HTML 10Page - Microchip Technology HV7351 Datasheet HTML 11Page - Microchip Technology HV7351 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
HV7351
DS20005412A-page 8
 2015 Microchip Technology Inc.
Output Propagation
Delay Rise Time 1
tdr1
11
14
18
ns
No Load
Output Propagation
Delay Fall Time 1
tdf1
11
14
18
ns
Output Propagation
Delay Rise Time 2
tdr2
12
15
19
ns
Output Propagation
Delay Fall Time 2
tdf2
11
15
18
ns
Output Propagation
Delay Rise Time 3
tdr3
12
15
19
ns
Output Propagation
Delay Fall Time 3
tdf3
11
15
18
ns
CW Output
Propagation Delay
Time from Low to High
tdcwlh
10
13
17
ns
VPP = +5.0V,
VNN = -5.0V
No Load
CW Output
Propagation Delay
Time from High to Low
tdcwhl
10
14
17
ns
Delay Time Matching
t
dcwhl
±0.7
ns
P to N,
channel-to-channel
matching
Delay Jitter On Rise
or Fall
tJCW
—13—
ps
VPP = +5.0V, VNN = -5.0V,
Load = 50
Note 2
Latency
LAT
3.5
TCK
Note 2
Output P-Channel MOSFET to VPP, CW = 0
Output
Saturation Current
IOUT
2.2
3.2
A
Output ON-Resistance
RON
—4.2
IOUT = 100 mA
Output Capacitance
COSS
—62—
pF
VPP - VOUT = 25V,
f = 1.0 MHz (Note 2)
Output N-Channel MOSFET to VNN, CW = 0
Output
Saturation Current
IOUT
2.2
3.2
A
Output ON-Resistance
RON
—2.4
IOUT = -100 mA
Output Capacitance
COSS
—50—
pF
VNN - VOUT = -25V,
f = 1.0 MHz (Note 2)
Output P-Channel MOSFET to VPP, CW = 1
Output
Saturation Current
IOUT
1.2
1.5
A
Output ON-Resistance
RON
—8—
IOUT = 100 mA
Output Capacitance
COSS
—62—
pF
VPP - VOUT = 25V,
f = 1.0 MHz (Note 2)
AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: unless otherwise specified, VLL = 3.3V, AVDD = DVDD = PVDD = VRP = 5.0V,
PVSS = VRN = -5.0V, VPP = +70V, VNN = -70V, TA = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Specification is for design guidance only.


Similar Part No. - HV7351

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7351 SUTEX-HV7351 Datasheet
924Kb / 15P
   Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
   Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
More results

Similar Description - HV7351

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
   Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
logo
Kinetic Technologies.
KTB8330 KINETIC-KTB8330 Datasheet
154Kb / 2P
   3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
KTB8331 KINETIC-KTB8331 Datasheet
1Mb / 25P
   3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
logo
Agere Systems
LSP2908 AGERE-LSP2908 Datasheet
160Kb / 8P
   8-Channel, High-Voltage Driver
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
TelCom Semiconductor, I...
TC96C55 TELCOM-TC96C55 Datasheet
106Kb / 9P
   3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
logo
Supertex, Inc
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
   Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
   HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
   HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com