Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS3705CDRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS3705CDRQ1
Description  Transponder Base Station IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS3705CDRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS3705CDRQ1 Datasheet HTML 3Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 4Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 5Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 6Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 7Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 8Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 9Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 10Page - Texas Instruments TMS3705CDRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
TMS3705
www.ti.com
SCBS881C – JANUARY 2010 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: TMS3705
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Specified by design
(2)
Specified by design; functional test done for input voltage of 90 mVpp.
(3)
Band-pass filter tested at three different frequencies: fmid = 134 kHz and gain > 30 dB; flow = 24 kHz; fhigh = 500 kHz. Attenuation < –3
dB (reference = measured gain at fmid = 134 kHz).
(4)
Internal resistance switched on and much lower than external SENSE resistance.
4.4
Electrical Characteristics
VDD = 4.5 V to 5.5 V, fosc = 4 MHz, F_SEL = high, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply (VDD, VSS/VSSB, VDDA, VSSA)
IDD
Supply current
Sum of supply currents in Charge phase,
without antenna load
8
20
mA
ISleep
Supply current, Sleep state
Sum of supply currents in Sleep state,
without I/O currents
0.015
0.2
mA
Oscillator (OSC1, OSC2)
gosc
Transconductance
fosc = 4 MHz, 0.5 Vpp at OSC1
0.5
2
5
mA/V
Cin
Input capacitance at OSC1(1)
10
pF
Cout
Output capacitance at OSC2(1)
10
pF
Logic Inputs (TXCT, F_SEL, OSC1)
Rpullup
Pullup resistance
TXCT
120
500
k
F_SEL
10
500
Logic Outputs (SCIO, D_TST)
VOH
High-level output voltage
0.8 VDD
V
VOL
Low-level output voltage
0.2 VDD
V
Full-Bridge Outputs (ANT1, ANT2)
ΣRds_on Sum of drain-source resistances
Full-bridge N-channel and P-channel
MOSFETs at driver current Iant = 50 mA
7
14
Duty cycle
P-channel MOSFETs of full bridge
38%
40%
42%
ton1/ton2
Symmetry of pulse durations for the
P
‑channel MOSFETs of full bridge
96%
104.5%
Ioc
Threshold for overcurrent protection
220
1100
mA
toc
Switch-off time of overcurrent protection
Short to ground with 3
0.25
10
µs
tdoc
Delay for switching on the full bridge after an
overcurrent
2
2.05
2.1
ms
Ileak
Leakage current
1
µA
Analog Module (SENSE, SFB, A_TST)
ISENSE
Input current
SENSE, In charge phase
–2
2
mA
VDCREF/
VDD
DC reference voltage of RF amplifier, related
to VDD
9.25%
10%
11%
GBW
Gain-bandwidth product of RF amplifier
At 500 kHz with external components to
achieve a voltage gain of minimum 4
‑mVpp
and 5-mVpp input signal
2
MHz
φO
Phase shift of RF amplifier
At 134 kHz with external components to
achieve a voltage gain of 5-mVpp and
20
‑mVpp input signal
16
°
Vsfb
Peak-to-peak input voltage of band pass at
which the limiter comparator should toggle(2)
At 134 kHz (corresponds to a minimal total
gain of 1000)
5
mV
flow
Lower cut-off frequency of band-pass filter(3)
24
60
100
kHz
fhigh
Higher cut-off frequency of band-pass filter(3)
160
270
500
kHz
ΔVhys
Hysteresis of limiter
A_TST pin used as input, D_TST pin as
output, offset level determined by band-pass
stage
25
50
135
mV
Diagnosis (SENSE)
Idiag
Current threshold for operating antenna(4)
80
240
µA


Similar Part No. - TMS3705CDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
[Old version datasheet]   TRANSPONDER BASE STATION IC
TMS3705 TI1-TMS3705 Datasheet
960Kb / 28P
[Old version datasheet]   Transponder Base Station IC
TMS3705 TI-TMS3705 Datasheet
855Kb / 26P
[Old version datasheet]   TMS3705 Transponder Base Station IC
REVISED JUNE 2023
TMS3705A TI-TMS3705A Datasheet
31Kb / 1P
[Old version datasheet]   RADIO FREQUENCY I DENTIFICATION SYSTEMS
logo
Pericom Semiconductor C...
TMS3705A1DRG4 PERICOM-TMS3705A1DRG4 Datasheet
88Kb / 4P
   LF BASE STATION IC
More results

Similar Description - TMS3705CDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3705 TI1-TMS3705_18 Datasheet
960Kb / 28P
[Old version datasheet]   Transponder Base Station IC
TMS3705 TI-TMS3705 Datasheet
494Kb / 23P
[Old version datasheet]   TRANSPONDER BASE STATION IC
TMS3705 TI-TMS3705_V01 Datasheet
855Kb / 26P
[Old version datasheet]   TMS3705 Transponder Base Station IC
REVISED JUNE 2023
RI-TMS3705ADR TI-RI-TMS3705ADR_06 Datasheet
72Kb / 3P
[Old version datasheet]   LF BASE STATION IC
TMS3705ADR TI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC
logo
Pericom Semiconductor C...
RI-TMS3705ADR PERICOM-RI-TMS3705ADR_08 Datasheet
88Kb / 4P
   LF BASE STATION IC
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
   Read / Write Base Station IC
logo
Texas Instruments
RI-TMS3705ADR TI-RI-TMS3705ADR Datasheet
149Kb / 1P
[Old version datasheet]   LF Base Station IC TMS3705ADR
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
   Personal Radio Base Station and 5G Base Station
logo
Oscilent Corporation
820-IF63.0M-A OSCILENT-820-IF63.0M-A Datasheet
132Kb / 1P
   Base Station & Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com