Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ALS30A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS30A
Description  8-INPUT POSITIVE-NAND GATES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS30A Datasheet(HTML) 2 Page - Texas Instruments

  SN54ALS30A Datasheet HTML 1Page - Texas Instruments SN54ALS30A Datasheet HTML 2Page - Texas Instruments SN54ALS30A Datasheet HTML 3Page - Texas Instruments SN54ALS30A Datasheet HTML 4Page - Texas Instruments SN54ALS30A Datasheet HTML 5Page - Texas Instruments SN54ALS30A Datasheet HTML 6Page - Texas Instruments SN54ALS30A Datasheet HTML 7Page - Texas Instruments SN54ALS30A Datasheet HTML 8Page - Texas Instruments SN54ALS30A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
3
1
4
2
5
6
11
12
C
A
D
B
E
F
H
G
8
Y
3
1
4
8
2
5
6
11
12
C
A
D
B
E
F
H
G
Y
SN54ALS30A, SN54AS30, SN74ALS30A, SN74AS30
SDAS010E – APRIL 1982 – REVISED OCTOBER 2012
www.ti.com
Table 1. FUNCTION TABLE
INPUTS
OUTPUT
A–H
Y
All inputs H
L
One or more inputs L
H
LOGIC SYMBOL
A.
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin number shown are for the D, DB, J, and N packages.
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin number shown are for the D, DB, J, and N packages.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range
–0.5
7
V
D package
86
θJA
Package thermal impedance(2)
DB package
96
°C/W
N package
80
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 1982–2012, Texas Instruments Incorporated
Product Folder Links: SN54ALS30A SN54AS30 SN74ALS30A SN74AS30


Similar Part No. - SN54ALS30A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
695Kb / 18P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30AFK TI-SN54ALS30AFK Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54ALS30A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F30 TI-SN54F30 Datasheet
68Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54AC11030 TI1-54AC11030_09 Datasheet
81Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_07 Datasheet
574Kb / 19P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN5430 TI-SN5430 Datasheet
621Kb / 15P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI1-54ACT11030_12 Datasheet
393Kb / 7P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
54ACT11030 TI-54ACT11030 Datasheet
63Kb / 5P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
REVISED APRIL 1993
SNJ54F30 TI-SNJ54F30 Datasheet
777Kb / 16P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A Datasheet
94Kb / 6P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI-SN54ALS30A_08 Datasheet
695Kb / 18P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
SN54ALS30A TI1-SN54ALS30A_18 Datasheet
1Mb / 21P
[Old version datasheet]   8-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com