Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM48L540DPGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540DPGET
Description  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540DPGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button RM48L540DPGET Datasheet HTML 2Page - Texas Instruments RM48L540DPGET Datasheet HTML 3Page - Texas Instruments RM48L540DPGET Datasheet HTML 4Page - Texas Instruments RM48L540DPGET Datasheet HTML 5Page - Texas Instruments RM48L540DPGET Datasheet HTML 6Page - Texas Instruments RM48L540DPGET Datasheet HTML 7Page - Texas Instruments RM48L540DPGET Datasheet HTML 8Page - Texas Instruments RM48L540DPGET Datasheet HTML 9Page - Texas Instruments RM48L540DPGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 172 page
background image
RM48L940, RM48L740, RM48L540
SPNS175C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.12
Parity Protection for Peripheral RAMs
.............. 82
1.1
Features
.............................................. 1
6.13
On-Chip SRAM Initialization and Testing
........... 84
1.2
Applications
........................................... 2
6.14
External Memory Interface (EMIF)
.................. 86
1.3
Description
............................................ 3
6.15
Vectored Interrupt Manager
......................... 93
1.4
Functional Block Diagram
............................ 5
6.16
DMA Controller
...................................... 96
2
Revision History
......................................... 7
6.17
Real Time Interrupt Module
......................... 98
3
Device Comparison
..................................... 8
6.18
Error Signaling Module
............................. 100
4
Terminal Configuration and Functions
............. 9
6.19
Reset / Abort / Error Sources
...................... 104
4.1
PGE QFP Package Pinout (144-Pin)
................. 9
6.20
Digital Windowed Watchdog
....................... 106
4.2
ZWT BGA Package Ball-Map (337-Ball Grid Array)
10
6.21
Debug Subsystem
................................. 107
4.3
Terminal Functions
................................. 11
7
Peripheral Information and Electrical
Specifications
......................................... 118
5
Specifications
.......................................... 40
7.1
Peripheral Legend
................................. 118
5.1
Absolute Maximum Ratings
........................ 40
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.. 118
5.2
ESD Ratings
........................................ 40
7.3
General-Purpose Input/Output
..................... 129
5.3
Power-On Hours (POH)
............................. 40
7.4
Enhanced Next Generation High-End Timer
5.4
Recommended Operating Conditions
............... 41
(N2HET)
............................................ 130
5.5
Switching Characteristics for Clock Domains
....... 42
7.5
Controller Area Network (DCAN)
.................. 135
5.6
Wait States Required
............................... 42
7.6
Local Interconnect Network Interface (LIN)
........ 136
5.7
Power Consumption
................................. 43
7.7
Serial Communication Interface (SCI)
............. 137
5.8
Input/Output Electrical Characteristics
.............. 44
7.8
Inter-Integrated Circuit (I2C)
....................... 138
5.9
Thermal Resistance Characteristics
................ 45
7.9
Multibuffered / Standard Serial Peripheral
5.10
Output Buffer Drive Strengths
...................... 46
Interface
............................................ 141
5.11
Input Timings
........................................ 47
7.10
Ethernet Media Access Controller
................. 153
5.12
Output Timings
...................................... 47
8
Device and Documentation Support
.............. 157
5.13
Low-EMI Output Buffers
............................ 49
8.1
Device Support
..................................... 157
6
System Information and Electrical
8.2
Documentation Support
............................ 159
Specifications
........................................... 51
8.3
Related Links
...................................... 159
6.1
Device Power Domains
............................. 51
8.4
Community Resources
............................. 159
6.2
Voltage Monitor Characteristics
..................... 52
8.5
Trademarks
........................................ 159
6.3
Power Sequencing and Power On Reset
........... 53
8.6
Electrostatic Discharge Caution
................... 159
6.4
Warm Reset (nRST)
................................. 55
8.7
Glossary
............................................ 160
6.5
ARM Cortex-R4F CPU Information
................. 56
8.8
Device Identification Code Register
............... 160
6.6
Clocks
............................................... 60
8.9
Die Identification Registers
....................... 161
6.7
Clock Monitoring
.................................... 68
8.10
Module Certifications
............................... 162
6.8
Glitch Filters
......................................... 70
9
Mechanical Packaging and Orderable
6.9
Device Memory Map
................................ 71
Information
............................................. 167
6.10
Flash Memory
....................................... 79
9.1
Packaging Information
............................. 167
6.11
Tightly Coupled RAM (TCRAM) Interface Module
.. 82
6
Table of Contents
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - RM48L540DPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L540DPGET TI-RM48L540DPGET Datasheet
8Mb / 174P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L540DPGETR TI-RM48L540DPGETR Datasheet
8Mb / 174P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L540DPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L940 TI-RM48L940_V01 Datasheet
8Mb / 174P
[Old version datasheet]   RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
RM48L940 TI1-RM48L940 Datasheet
2Mb / 152P
[Old version datasheet]   RM48Lx40 16/32-Bit RISC Flash Microcontroller
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com