Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS570LS0432PZ Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS570LS0432PZ
Description  16- and 32-Bit RISC Flash Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0432PZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS570LS0432PZ Datasheet HTML 4Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 5Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 6Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 7Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 8Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 9Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 10Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 11Page - Texas Instruments TMS570LS0432PZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
3
Device Comparison
Table 3-1 lists the features of the TMS570LS0432/0332 devices.
Table 3-1. TMS570LS0432/0332 Device Comparison(1)(2)
FEATURES
DEVICES
Generic Part
TMS570LS1227ZWT
(3)
TMS570LS0714ZWT
TMS570LS0714PGE
TMS570LS0714PZ
TMS570LS0432PZ
(3)
TMS570LS0332PZ
TMS570LS0232PZ
Number
Package
337 BGA
337 BGA
144 QFP
100 QFP
100 QFP
100 QFP
100 QFP
CPU
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4
ARM Cortex-R4
ARM Cortex-R4
Frequency (MHz)
180
180
160
100
80
80
80
Flash (KB)
1280
768
768
768
384
256
128
RAM (KB)
192
128
128
128
32
32
32
Data Flash
64
64
64
64
16
16
16
[EEPROM] (KB)
EMAC
10/100
FlexRay
2-ch
CAN
3
3
3
2
2
2
2
MibADC
2 (24ch)
2 (24ch)
2 (24ch)
2 (16ch)
1 (16ch)
1 (16ch)
1 (16ch)
12-bit (Ch)
N2HET (Ch)
2 (44)
2 (44)
2 (40)
2 (21)
1 (19)
1 (19)
1 (19)
ePWM Channels
14
14
14
8
eCAP Channels
6
6
6
4
0
0
0
eQEP Channels
2
2
2
1
1
1
1
MibSPI (CS)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (5 + 6 + 4)
2 (5 + 1)
1 (4)
1 (4)
1 (4)
SPI (CS)
2 (2 + 1)
2 (2 + 1)
1 (1)
1 (1)
2
2
2
SCI (LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
1 (with LIN)
1 (with LIN)
1 (with LIN)
1 (with LIN)
I2C
1
1
1
101 (with 16
101 (with 16
64 (with 10
45 (with 9
45 (with 8
45 (with 9
45 (with 8
GPIO (INT)
(4)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
interrupt capable)
EMIF
16-bit data
ETM (Trace)
RTP/DMM
Operating
–40ºC to 125ºC
–40ºC to 125ºC
–40ºC to 125ºC
–40ºC to 125ºC
–40ºC to 125ºC
–40ºC to 125ºC
–40ºC to 125ºC
Temperature
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
(1)
For additional device variants, see www.ti.com/tms570
(2)
This table reflects the maximum configuration for each peripheral. Some functions are multiplexed and not all pins are available at the
same time.
(3)
Superset device
(4)
Total number of pins that can be used as general-purpose input or output when not used as part of a peripheral.
8
Device Comparison
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332


Similar Part No. - TMS570LS0432PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432PZ TI1-TMS570LS0432PZ Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LS0432PZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com