Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS570LC4357ZWT Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS570LC4357ZWT
Description  Hercules Microcontroller Based on the ARM짰 Cortex-R Core
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LC4357ZWT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS570LC4357ZWT Datasheet HTML 6Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 7Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 8Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 9Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 10Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 11Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 12Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 13Page - Texas Instruments TMS570LC4357ZWT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 227 page
background image
10
TMS570LC4357
SPNS195C – FEBRUARY 2014 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS570LC4357
Terminal Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
4.2
Terminal Functions
Table 4-1 through Table 4-27 identify the external signal names, the associated terminal numbers along
with the mechanical package designator, the terminal type (Input, Output, I/O, Power, or Ground), whether
the terminal has any internal pullup/pulldown, whether the terminal can be configured as a GIO, and a
functional terminal description. The first signal name listed is the primary function for that terminal. The
signal name in Bold is the function being described. For information on how to select between different
multiplexed functions, see the Section 4.2.2, Multiplexing of this data manual along with the I/O
Multiplexing Module (IOMM) chapter in the Technical Reference Manual (TRM) (SPNU563).
NOTE
In the Terminal Functions tables below, the "Default Pull State" is the state of the pull applied
to the terminal while nPORRST is low and immediately after nPORRST goes High. The
default pull direction may change when software configures the pin for an alternate function.
The "Pull Type" is the type of pull asserted when the signal name in bold is enabled for the
given terminal by the IOMM control registers.
All I/O signals except nRST are configured as inputs while nPORRST is low and immediately
after nPORRST goes High. While nPORRST is low, the input buffers are disabled, and the
output buffers are disabled with the default pulls enabled.
All output-only signals have the output buffer disabled and the default pull enabled while
nPORRST is low, and are configured as outputs with the pulls disabled immediately after
nPORRST goes High.


Similar Part No. - TMS570LC4357ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LC4357ZWT TI1-TMS570LC4357ZWT Datasheet
8Mb / 172P
[Old version datasheet]   TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS570LC4357ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LC4357-EP TI1-TMS570LC4357-EP Datasheet
9Mb / 224P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357-EP TI1-TMS570LC4357-EP_V01 Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357-EP TI1-TMS570LC4357-EP_V02 Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
   ARM짰 Cortex??M0 core
NUC230 NUVOTON-NUC230 Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC200 NUVOTON-NUC200 Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
HT32F1755 HOLTEK-HT32F1755 Datasheet
1Mb / 45P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
NXP Semiconductors
KV4XP100M168 NXP-KV4XP100M168 Datasheet
773Kb / 63P
   168 MHz ARM Cortex-M4 core based Microcontroller with FPU
Rev. 3, 06/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com