Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS570LC4357 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LC4357
Description  Hercules Microcontroller Based on the ARM짰 Cortex-R Core
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LC4357 Datasheet(HTML) 5 Page - Texas Instruments

  TMS570LC4357 Datasheet HTML 1Page - Texas Instruments TMS570LC4357 Datasheet HTML 2Page - Texas Instruments TMS570LC4357 Datasheet HTML 3Page - Texas Instruments TMS570LC4357 Datasheet HTML 4Page - Texas Instruments TMS570LC4357 Datasheet HTML 5Page - Texas Instruments TMS570LC4357 Datasheet HTML 6Page - Texas Instruments TMS570LC4357 Datasheet HTML 7Page - Texas Instruments TMS570LC4357 Datasheet HTML 8Page - Texas Instruments TMS570LC4357 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 227 page
background image
HTU1
FTU
HTU2
Peripheral Interconnect Subsystem
CRC
1,2
PCR2
PCR 3
EMAC Slaves
DCAN1
DCAN2
DCAN3
LIN1/
SCI1
MibSPI4
MDIO
MII
MibSPI1
CAN1_RX
CAN1_TX
CAN2_RX
CAN2_TX
CAN3_RX
CAN3_TX
MIBSPI1_CLK
MIBSPI1_SIMO[1:0]
MIBSPI1_SOMI[1:0]
MIBSPI1_nCS[5:0]
MIBSPI1_nENA
MibSPI2
MIBSPI2_CLK
MIBSPI2_SIMO
MIBSPI2_SOMI
MIBSPI2_nCS[1:0]
MIBSPI2_nENA
MibSPI3
MIBSPI3_CLK
MIBSPI3_SIMO
MIBSPI3_SOMI
MIBSPI3_nCS[5:0]
MIBSPI3_nENA
MIBSPI4_CLK
MIBSPI4_SIMO
MIBSPI4_SOMI
MIBSPI4_nCS[5:0]
MIBSPI4_nENA
MibSPI5
MIBSPI5_SIMO[3:0]
MIBSPI5_SOMI[3:0]
MIBSPI5_nCS[5:0]
MIBSPI5_nENA
LIN1_RX
LIN1_TX
IOMM
PMM
Lockstep
VIMs
RTI
DCC1
DMA
MDCLK
MDIO
MII_RXD[3:0]
MII_RXER
MII_TXD[3:0]
MII_TXEN
MII_TXCLK
MII_RXCLK
MII_CRS
MII_RXDV
MII_COL
EMIF
EMIF_CLK
EMIF_CKE
EMIF_nCS[4:2]
EMIF_nCS[0]
EMIF_ADDR[21:0]
EMIF_BA[1:0]
EMIF_DATA [15:0]
EMIF_nDQM[1:0]
EMIF_nOE
EMIF_nWE
EMIF_nRAS
EMIF_nCAS
EMIF_nRW
EMIF_nWAIT
SYS
nPORRST
nRST
ECLK[2:1]
ESM
eQEP
1,2
eQEPxA
eQEPxB
eQEPxS
eQEPxI
eCAP
1..6
eCAP[6:1]
ePWM
1..7
nTZ[3:1]
SYNCO
SYNCI
ePWMxA
ePWMxB
N2HET1
FlexRay
GIO
N2HET2
MibADC 1
MibADC 2
NMPU
EMAC
# 2
# 3
# 4
# 6
# 1
always on
Core/RAM
Core
# 5
Color Legend for
Power Domains
DCAN4
CAN4_RX
CAN4_TX
PCR1
LIN2/
SCI2
LIN2_RX
LIN2_TX
SCI 3
SCI3_RX
SCI3_TX
SCI4
SCI4_RX
SCI4_TX
I2C1
I2C1_SDA
I2C1_SCL
I2C2
I2C2_SDA
I2C2_SCL
EMIF
Slave
CPU Interconnect Subsystem
Dual Cortex -R5F
CPUs in lockstep
32KB Icache
& Dcache w /
ECC
POM
4MB Flash
&
128KB
Flash for
EEPROM
Emulation
w/ ECC
512KB
SRAM
w/
ECC
NMPU
NMPU
STC1
EPC
SCM
SYS
DCC2
STC2
DMM
DAP
CCM-
R5F
RTP
TPIU
MIBSPI5_CLK
nERROR
Copyright © 2016, Texas Instruments Incorporated
5
TMS570LC4357
www.ti.com
SPNS195C – FEBRUARY 2014 – REVISED JUNE 2016
Submit Documentation Feedback
Product Folder Links: TMS570LC4357
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
Figure 1-1. Functional Block Diagram


Similar Part No. - TMS570LC4357

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357-EP TI1-TMS570LC4357-EP Datasheet
9Mb / 224P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357-EP TI1-TMS570LC4357-EP Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357-EP TI1-TMS570LC4357-EP Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
More results

Similar Description - TMS570LC4357

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LC4357-EP TI1-TMS570LC4357-EP Datasheet
9Mb / 224P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357-EP TI1-TMS570LC4357-EP_V01 Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
TMS570LC4357-EP TI1-TMS570LC4357-EP_V02 Datasheet
10Mb / 226P
[Old version datasheet]   TMS570LC4357-EP Hercules??Microcontroller Based on the ARM짰 Cortex짰-R Core
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
   ARM짰 Cortex??M0 core
NUC230 NUVOTON-NUC230 Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC200 NUVOTON-NUC200 Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
HT32F1755 HOLTEK-HT32F1755 Datasheet
1Mb / 45P
   Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
NXP Semiconductors
KV4XP100M168 NXP-KV4XP100M168 Datasheet
773Kb / 63P
   168 MHz ARM Cortex-M4 core based Microcontroller with FPU
Rev. 3, 06/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com