Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-STU-251B Datasheet(PDF) 2 Page - Texas Instruments

Part # RI-STU-251B
Description  SERIES 2000 READER S251B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-STU-251B Datasheet(HTML) 2 Page - Texas Instruments

  RI-STU-251B_09 Datasheet HTML 1Page - Texas Instruments RI-STU-251B_09 Datasheet HTML 2Page - Texas Instruments RI-STU-251B_09 Datasheet HTML 3Page - Texas Instruments RI-STU-251B_09 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
OPERATING CHARACTERISTICS
RI-STU-251B
SCBS852 – MARCH 2001
over operating free-air temperature range (unless otherwise noted)
RI-STU-251B
Power Supply
10 to 24 Vdc, regulated
over operating free-air temperature range (unless otherwise noted)
PART NUMBER
PARAMETER
UNIT
RI-STU-251B
Relative Humidity
<97% non-condensing, IEC 68-2-30 Test Db, 21 cycles
RF Transmit Frequency
134.2
kHz
64 kByte EPROM for Firmware
Memory
1kBit EEPROM for Configuration
32 kByte RAM for Data
Data Storage
909 ID Codes (each 64bit)
Communications Interface
RS232, RS422/485
System Architecture
Point-to-point and point-to-multipoint
Communications Parameters
600 - 57600 baud, 7/8 data bits, even/odd parity
Communications Protocol
ASCII with Xon/Xoff handshake, TIRIS™ Bus Protocol
Inputs/Outputs
8 configurable digital I/Os, 2 open collector outputs
Antenna Tuning Range
26 to 27.9
µH (Dynamic Auto Tuning)
Antenna Resonance Voltage
Max. 380 Vpeak
Transponder Types
134.2 kHz HDX/FSK
Dimensions (L
× W × H)
(200 mm
× 120mm × 120 mm) ± 1.5 mm
Weight
900
g
Mounting
DIN rail TS35
2
Submit Documentation Feedback


Similar Part No. - RI-STU-251B_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-STU-251B-01 TI-RI-STU-251B-01 Datasheet
138Kb / 4P
[Old version datasheet]   SERIES 2000 READER S251B
More results

Similar Description - RI-STU-251B_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-STU-251B TI-RI-STU-251B Datasheet
138Kb / 4P
[Old version datasheet]   SERIES 2000 READER S251B
RI-STU-MRD1 TI-RI-STU-MRD1_09 Datasheet
118Kb / 4P
[Old version datasheet]   SERIES 2000 MICRO READER
RI-STU-MRD1 TI-RI-STU-MRD1 Datasheet
92Kb / 3P
[Old version datasheet]   SERIES 2000 MICRO READER
RI-CTL-MB2B-30 TI1-RI-CTL-MB2B-30 Datasheet
767Kb / 40P
[Old version datasheet]   Series 2000 Reader System
RI-STU-TRDC-02 TI-RI-STU-TRDC-02 Datasheet
50Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6350 Midrange Reader Module
RI-STU-655A TI-RI-STU-655A Datasheet
173Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6550 Long Range Reader (Housed)
RI-STU-650A TI-RI-STU-650A Datasheet
184Kb / 1P
[Old version datasheet]   HF Reader System Series 6000 S6500 Long Range Reader Module
logo
Pepperl+Fuchs Inc.
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
   Handheld reader
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com