Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF430FRL153HCRGER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # RF430FRL153HCRGER
Description  RF430FRL15xH NFC ISO 15693 Sensor Transponder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430FRL153HCRGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button RF430FRL153HCRGER Datasheet HTML 5Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 6Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 7Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 8Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 9Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 10Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 11Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 12Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
RF430FRL152H, RF430FRL153H, RF430FRL154H
www.ti.com
SLAS834C – NOVEMBER 2012 – REVISED DECEMBER 2014
4.3
Pin Multiplexing
The GPIO port pins are multiplexed with other functions including analog peripherals and serial
communication modules. The pin functions are selected by a combination of register values and device
modes. For schematics of the port pins and details of the multiplexing for each, refer to Section 6.7.
4.4
Connections for Unused Pins
The correct termination of all unused pins is listed in Table 4-2.
Table 4-2. Connection of Unused Pins
Pin
Potential
Comment
TDI/TMS/TCK
Open
When used for JTAG function
RST/NMI
VCC or VSS
10-nF capacitor to GND/VSS
Px.0 to Px.7
Open
Set to port function, output direction
TDO
Open
Convention: leave TDO terminal as JTAG function
Copyright © 2012–2014, Texas Instruments Incorporated
Terminal Configuration and Functions
9
Submit Documentation Feedback
Product Folder Links: RF430FRL152H RF430FRL153H RF430FRL154H


Similar Part No. - RF430FRL153HCRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL153H TI-RF430FRL153H Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
More results

Similar Description - RF430FRL153HCRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF37S114 TI1-RF37S114 Datasheet
263Kb / 10P
[Old version datasheet]   RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
logo
Zentrum Mikroelektronik...
ZMD41211 ZMD-ZMD41211 Datasheet
1Mb / 47P
   ISO 15693 Wireless Tag IC with Integrated Temperature Sensor
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
logo
STMicroelectronics
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
   Configuring your ISO 15693 reader
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
Texas Instruments
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com