Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF430FRL153HCRGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # RF430FRL153HCRGER
Description  RF430FRL15xH NFC ISO 15693 Sensor Transponder
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430FRL153HCRGER Datasheet(HTML) 2 Page - Texas Instruments

  RF430FRL153HCRGER Datasheet HTML 1Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 2Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 3Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 4Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 5Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 6Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 7Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 8Page - Texas Instruments RF430FRL153HCRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
eUSCI_B0
SPI
I C
2
8KB
ROM
CPU and
Working
Registers
4W-JTAG
Reset
Int-Logic
VDDB
TMS, TCK,
TDI, TDO
P1.0 to P1.7
RST/NMI
Debug
support
ANT
1
ANT
2
VSS VDDH
CLKIN
VDDSW
VDD2X
CP1
CP2
VDDD
4KB
RAM
2KB
FRAM
CRC
16 bit
Timer_A
3 CC
Registers
IO Port
8 I/Os
with
interrupt
capability
14-Bit
Sigma-
Delta
ADC
ISO
15693
Decode
and
Encode
Watchdog
WDTA
32/16 Bit
ISO
15693
Analog
Front End
Power
Supply
System
MAB
LF-OSC
HF-OSC
ACLK
SMCLK
MCLK
Clock
System
C
RES
L
RES
ADC0/ADC1/ADC2
TEMP1/TEMP2
RF430FRL152H, RF430FRL153H, RF430FRL154H
SLAS834C – NOVEMBER 2012 – REVISED DECEMBER 2014
www.ti.com
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
RF430FRL152H
VQFN (24)
4 mm x 4 mm
RF430FRL153H
VQFN (24)
4 mm x 4 mm
RF430FRL154H
VQFN (24)
4 mm x 4 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package
Option Addendum in Section 9, or see the TI web site at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 9.
1.4
Functional Block Diagram
Figure 1-1 shows the block diagram of the RF430FRL15xH device.
Figure 1-1. Functional Block Diagram
2
Device Overview
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430FRL152H RF430FRL153H RF430FRL154H


Similar Part No. - RF430FRL153HCRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL153H TI-RF430FRL153H Datasheet
2Mb / 40P
[Old version datasheet]   RF430FRL152HEVM Users Guide
Revised July 2018
More results

Similar Description - RF430FRL153HCRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF37S114 TI1-RF37S114 Datasheet
263Kb / 10P
[Old version datasheet]   RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
logo
Zentrum Mikroelektronik...
ZMD41211 ZMD-ZMD41211 Datasheet
1Mb / 47P
   ISO 15693 Wireless Tag IC with Integrated Temperature Sensor
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
logo
STMicroelectronics
AN3163 STMICROELECTRONICS-AN3163 Datasheet
232Kb / 13P
   Configuring your ISO 15693 reader
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
logo
Texas Instruments
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com