Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF37S114 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # RF37S114
Description  RF37S114 Tag-it??HF-I Type 5 NFC, ISO/IEC 15693 Transponder, 4 mm 횞 4 mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF37S114 Datasheet(HTML) 5 Page - Texas Instruments

  RF37S114 Datasheet HTML 1Page - Texas Instruments RF37S114 Datasheet HTML 2Page - Texas Instruments RF37S114 Datasheet HTML 3Page - Texas Instruments RF37S114 Datasheet HTML 4Page - Texas Instruments RF37S114 Datasheet HTML 5Page - Texas Instruments RF37S114 Datasheet HTML 6Page - Texas Instruments RF37S114 Datasheet HTML 7Page - Texas Instruments RF37S114 Datasheet HTML 8Page - Texas Instruments RF37S114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RF37S114
www.ti.com
SCBS907 – NOVEMBER 2015
5
Device and Documentation Support
5.1
Device Support
5.1.1
Development Support
5.1.1.1
Getting Started and Next Steps
RFID products from TI provide the ultimate solution for a wide range of applications. With its patented
HDX technology, TI RFID offers unmatched performance in read range, read rate, and robustness. TI
offers one-stop-shopping of transponders, inlays, reader modules, and reader ICs. For more information,
see the Overview for NFC / RFID page.
5.1.2
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of
devices. Each commercial family member has one of three prefixes: x, p, or no prefix (for example,
xRF37S114HTFJB).These
prefixes
represent
evolutionary
stages
of
product
development
from
engineering prototypes (with prefix x) through fully qualified production devices (with no prefix).
Device development evolutionary flow:
xRF... – Experimental device that is not necessarily representative of the electrical specifications of the
final device
pRF... – Final device that conforms to the electrical specifications of the final product but has not
completed quality and reliability verification
RF... – Fully qualified production device
Devices with a prefix of x or p are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices have a greater failure rate than the standard production devices.
TI recommends that these devices not be used in any production system because their expected end-use
failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, TEL) and, optionally, the temperature range (for example, T). Figure 5-1
provides a legend for reading the complete device name for any family member.
Copyright © 2015, Texas Instruments Incorporated
Device and Documentation Support
5
Submit Documentation Feedback
Product Folder Links: RF37S114


Similar Part No. - RF37S114

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3700D RFM-RF3700D Datasheet
407Kb / 3P
   372.00 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3700D MURATA-RF3700D Datasheet
407Kb / 3P
   372.0 MHz SAW Filter
logo
RF Monolithics, Inc
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
   433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3701E MURATA-RF3701E Datasheet
459Kb / 2P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3702D RFM-RF3702D Datasheet
179Kb / 6P
   426.44 MHz SAW Filter
More results

Similar Description - RF37S114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I16-114A-01 TI-RI-I16-114A-01_11 Datasheet
149Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-112A-03 TI-RI-I16-112A-03 Datasheet
79Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-S1 TI-RI-I16-114A-S1_11 Datasheet
152Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-112A-03 TI-RI-I16-112A-03_10 Datasheet
103Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-01 TI-RI-I16-114A-01 Datasheet
44Kb / 3P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I16-114A-S1 TI-RI-I16-114A-S1 Datasheet
72Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS 24.2-mm CIRCULAR
RI-I02-112A TI-RI-I02-112A Datasheet
189Kb / 2P
[Old version datasheet]   Tag-it HF-I Transponder Inlay
RF-HDT-AJLC TI-RF-HDT-AJLC Datasheet
811Kb / 30P
[Old version datasheet]   Tag-it HF-I Plus Transponder IC
RF-HDT-WNMC TI1-RF-HDT-WNMC Datasheet
811Kb / 30P
[Old version datasheet]   Tag-it HF-I Plus Transponder IC
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com