Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG103 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REG103
Description  DMOS 500mA Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG103 Datasheet(HTML) 5 Page - Texas Instruments

  REG103 Datasheet HTML 1Page - Texas Instruments REG103 Datasheet HTML 2Page - Texas Instruments REG103 Datasheet HTML 3Page - Texas Instruments REG103 Datasheet HTML 4Page - Texas Instruments REG103 Datasheet HTML 5Page - Texas Instruments REG103 Datasheet HTML 6Page - Texas Instruments REG103 Datasheet HTML 7Page - Texas Instruments REG103 Datasheet HTML 8Page - Texas Instruments REG103 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
REG103
5
SBVS010D
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 2V, unless otherwise noted.
–75
–25
–50
25
0
50
100
75
125
0.5
0.4
0.3
0.2
0.1
0
Temperature (
°C)
LOAD REGULATION vs TEMPERATURE
(V
IN = VOUT + 1V and 10mA < IOUT < 500mA)
10
100
1000
10000
100,000
10
1
0.1
0.01
Frequency (Hz)
OUTPUT NOISE DENSITY
C
NR = 0
C
OUT = 0
C
NR = 0.01µF
C
OUT = 10µF
LOAD TRANSIENT RESPONSE
500mA
10mA
I
OUT
V
OUT
V
OUT
10
µs/div
REG103-3.3
V
IN = 4.3V
C
OUT = 0
C
OUT = 10µF
LINE TRANSIENT RESPONSE
6V
5V
V
IN
V
OUT
V
OUT
50
µs/div
REG103-3.3
Load = 100mA
C
OUT = 0
C
OUT = 10µF
LOAD TRANSIENT RESPONSE
500mA
10mA
I
OUT
V
OUT
V
OUT
10
µs/div
C
OUT = 0
C
OUT = 10µF
REG103-Adj.
V
OUT = 3.3V, VIN = 4.3V, CFB = 0.01µF
LINE TRANSIENT RESPONSE
6V
5V
V
IN
V
OUT
V
OUT
50
µs/div
REG103-Adj.
V
OUT = 3.3V, CFB = 0.01µF, IOUT = 100mA
C
OUT = 0
C
OUT = 10µF


Similar Part No. - REG103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103 BURR-BROWN-REG103 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG103FA BURR-BROWN-REG103FA Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
REG103FA-2.5 BURR-BROWN-REG103FA-2.5 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
REG103FA-2.5 BURR-BROWN-REG103FA-2.5 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
More results

Similar Description - REG103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG103 BURR-BROWN-REG103_07 Datasheet
928Kb / 27P
   DMOS 500mA Low-Dropout Regulator
REG103 BURR-BROWN-REG103 Datasheet
166Kb / 19P
   DMOS 500mA Low Dropout Regulator
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5237 MICREL-MIC5237_07 Datasheet
177Kb / 9P
   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com