Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75176BM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75176BM
Description  Multipoint RS-485/RS-422 Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75176BM Datasheet(HTML) 6 Page - National Semiconductor (TI)

  DS75176BM Datasheet HTML 1Page - National Semiconductor (TI) DS75176BM Datasheet HTML 2Page - National Semiconductor (TI) DS75176BM Datasheet HTML 3Page - National Semiconductor (TI) DS75176BM Datasheet HTML 4Page - National Semiconductor (TI) DS75176BM Datasheet HTML 5Page - National Semiconductor (TI) DS75176BM Datasheet HTML 6Page - National Semiconductor (TI) DS75176BM Datasheet HTML 7Page - National Semiconductor (TI) DS75176BM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Function Tables
DS75176B Transmitting
Inputs
Line
Outputs
RE
DE
DI
Condition
DO
DO
X
1
1
No Fault
0
1
X
1
0
No Fault
1
0
X0
X
X
ZZ
X
1
X
Fault
Z
Z
DS75176B Receiving
Inputs
Outputs
RE
DE
RI-RI
RO
00
≥ +0.2V
1
00
≤ −0.2V
0
0
0
Inputs Open**
1
10
X
Z
X — Don’t care condition
Z — High impedance state
Fault — Improper line conditons causing excessive power dissipation in the driver, such as shorts or bus contention
situations
**This is a fail safe condition
Typical Application
00875911
www.national.com
6


Similar Part No. - DS75176BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS75176BM TI-DS75176BM Datasheet
943Kb / 14P
[Old version datasheet]   DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS75176BM/NOPB TI-DS75176BM/NOPB Datasheet
943Kb / 14P
[Old version datasheet]   DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS75176BMX TI-DS75176BMX Datasheet
943Kb / 14P
[Old version datasheet]   DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
DS75176BMX/NOPB TI-DS75176BMX/NOPB Datasheet
943Kb / 14P
[Old version datasheet]   DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
More results

Similar Description - DS75176BM

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SN65176BDR UMW-SN65176BDR Datasheet
377Kb / 6P
   SN75176B/SN65176B Multipoint RS-485/RS-422 Transceivers
logo
Texas Instruments
DS75176B TI-DS75176B Datasheet
943Kb / 14P
[Old version datasheet]   DS75176B/DS75176BT Multipoint RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com