Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1772M3BCL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX1772M3BCL
Description  10Gb/s, 1310nm 40km, Single Mode, Multi-Rate SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1772M3BCL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX1772M3BCL Datasheet HTML 1Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 2Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 3Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 4Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 5Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 6Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 7Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 8Page - Finisar Corporation. FTLX1772M3BCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTLX1772M3BCL Product Specification
 Finisar Corporation – September 2015
Rev. C1
Page 4
IV.
Optical Characteristics (TOP = -5 to 75 C, VCC = 3.14 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Transmitter (Tx)
Average Launch Power
PAVE
-3
+4
dBm
Optical Wavelength
1290
1330
nm
Side-Mode Suppression Ratio
SMSR
30
dB
Optical Extinction Ratio
ER
6
dB
Path Penalty
TDPS
1
dB
Transmitter and Dispersion Penalty
TDPE
3.2
dB
Average Launch power when Tx is OFF
POFF
-30
dBm
Tx Jitter 20kHz-80MHz
Txj1
0.3
UI
1,2
Tx Jitter 4MHz – 80MHz
Txj2
0.1
UI
1,2
Relative Intensity Noise
RIN
-128
dB/Hz
Receiver (Rx)
Sensitivity
(Average Power)
8.5-10.7Gb/s
RSENS1
-20
dBm
3,4
11.1-11.3Gb/s
RSENS2
-19
dBm
3,5
Sensitivity (OMA)
9.95-10.3Gb/s
RSENS3
-19.2
dBm
3,4
Stressed Sensitivity (OMA)
9.95-10.3Gb/s
RSENS4
-11.3
dBm
6
Overload (Average Power)
PAVE
-7
dBm
Optical Center Wavelength
C
1260
1600
Nm
Receiver Reflectance
Rrx
-14
dB
LOS De-Assert
LOSD
-22
dBm
LOS Assert
LOSA
-42
dBm
LOS Hysteresis
LOSH
0.5
dB
Notes:
1.
For SONET/SDH applications the jitter specifications are defined as per [9].
2.
If the CDRs are in bypass mode, the Tx jitter is compliant to the specification defined in [4].
3.
Measured with worst ER=6 dB; 2
31 – 1 PRBS.
4.
Measured for BER<10
-12.
5.
Measured for BER>10
-5.
6.
As per [4].
IV.
General Specifications
Bit rates: CDR’s lock at 8.5Gb/s, and from 9.83Gb/s to 11.3168Gb/s bit rates. With
CDR’s in bypass mode 6.144Gb/s CPRI is also supported.
Parameter
Symbol
Min
Typ
Max
Units
Note
Supported Link Length
LMAX
10
30
km
1,2,3
10
40
km
1,2,3,4
Notes:
1.
Tested with a 2
31 – 1 PRBS pattern and BER of 1E-12, over G.652 single mode fiber.
2.
Assuming that the optical link loss due to fiber attenuation is 0.38dB/km.
3.
The actual min. link length may differ as it is affected by the receiver overload limit.
4.
Assuming FTLX1772M3BCL transceivers on both side of the link. If a PIN receiver is on the other
side of the link, the optical link budget may not be enough to support 40km of fiber attenuation loss.


Similar Part No. - FTLX1772M3BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1341E2 FINISAR-FTLX1341E2 Datasheet
254Kb / 10P
   RoHS-6 Compliant 10GBASE-LRM X2 Transponder
FTLX1370W3BTL FINISAR-FTLX1370W3BTL Datasheet
821Kb / 12P
   9.8304 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLX1370W4BTL FINISAR-FTLX1370W4BTL Datasheet
804Kb / 12P
   9.8304 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Rev A1
FTLX1370W4BTL-TM FINISAR-FTLX1370W4BTL-TM Datasheet
804Kb / 12P
   9.8304 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Rev A1
FTLX1371D3BCL FINISAR-FTLX1371D3BCL Datasheet
722Kb / 15P
   RoHS-6 Compliant 10Gb/s 220m Multi Mode Datacom SFP Transceiver
More results

Similar Description - FTLX1772M3BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1672M3BTL FINISAR-FTLX1672M3BTL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BCL FINISAR-FTLX1672D3BCL Datasheet
433Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BTL FINISAR-FTLX1672D3BTL Datasheet
427Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BNL FINISAR-FTLX1672D3BNL Datasheet
418Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BCL FINISAR-FTLX1672M3BCL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BNL FINISAR-FTLX1672M3BNL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com