Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1672M3BCL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLX1672M3BCL
Description  10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1672M3BCL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLX1672M3BCL Datasheet HTML 1Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 2Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 3Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 4Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 5Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 6Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 7Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 8Page - Finisar Corporation. FTLX1672M3BCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FTLX1672M3BCL Product Specification
 Finisar Corporation - September 2015
Rev. C1
Page 3
II.
Absolute Maximum Ratings
Exceeding the limits below may damage the transceiver module permanently.
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.0
V
Storage Temperature
TS
-40
85
C
Relative Humidity
RH
0
85
%
1
Receiver Optical Damage Threshold
RxDamage
5
dBm
Notes:
1.
Non-condensing
III.
Electrical Characteristics (TOP = -5 to 70 C)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.14
3.30
3.46
V
Transmitter (Tx)
Input differential impedance
Rin
80
100
120
Differential data input swing
Vin,pp
120
850
mV
1
Transmit Disable Voltage
VD
Vcc-0.8
Vcc
V
Transmit Enable Voltage
VEN
0
0.8
V
Receiver (Rx)
Output differential impedance
Rout
80
100
120
Differential data output swing
Vout,pp
300
850
mV
1
Output rise time and fall time
Tr, Tf
28
ps
2
LOS asserted
VLOS A
Vcc-0.8
Vcc
V
3
LOS de-asserted
VLOS D
0
0.8
V
3
Power Supply Noise Tolerance
VCCT/VCCR
Per SFF-8431 Rev 4.1
mVpp
4
Power Consumption
Tx and Rx CDRs ON
Pdiss-C
1.6
1.7
W
5
Tx and Rx CDRs OFF and Ethernet spec.
1.4
1.5
W
5
Notes:
1.
Internally AC coupled. Data pins connect directly to the CDR.
2.
20 – 80%. Measured with Module Compliance Test Board and OMA test pattern. Use of four 1’s and four 0’s
sequence in the PRBS 9 is an acceptable alternative. SFF-8431 Rev 4.1.
3.
LOS is an open collector output. Should be pulled up with 4.7k
 – 10k on the host board. Normal operation is
logic 0; loss of signal is logic 1.
4.
See Section 2.8.3 of SFF-8431 Rev 4.1.
5.
Typical power consumption values refer to 70
C, 3.3V and beginning of life.


Similar Part No. - FTLX1672M3BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1672M3BNL FINISAR-FTLX1672M3BNL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BTL FINISAR-FTLX1672M3BTL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
More results

Similar Description - FTLX1672M3BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1672M3BTL FINISAR-FTLX1672M3BTL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BCL FINISAR-FTLX1672D3BCL Datasheet
433Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BTL FINISAR-FTLX1672D3BTL Datasheet
427Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BNL FINISAR-FTLX1672D3BNL Datasheet
418Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BNL FINISAR-FTLX1672M3BNL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1772M3BCL FINISAR-FTLX1772M3BCL Datasheet
763Kb / 11P
   10Gb/s, 1310nm 40km, Single Mode, Multi-Rate SFP Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com