Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1672D3BTL Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FTLX1672D3BTL
Description  10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1672D3BTL Datasheet(HTML) 8 Page - Finisar Corporation.

Back Button FTLX1672D3BTL Datasheet HTML 4Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 5Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 6Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 7Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 8Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 9Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 10Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 11Page - Finisar Corporation. FTLX1672D3BTL Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FTLX1672D3BTL 40km 1.2-11.3G SFP+ Product Specification
 Finisar Corporation - June 2016
Rev. B3
Page 8
XI. Mechanical Specifications
Finisar FTLX1672D3BTL SFP+ transceivers are compatible with the SFF-8432
specification for improved pluggable form factor, and shown here for reference purposes
only. Bail color is red.
Figure 2. Mechanical Dimensions
Note: the option of the label on the top side of the transceiver is not recommended.


Similar Part No. - FTLX1672D3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1672D3BCL FINISAR-FTLX1672D3BCL Datasheet
433Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BNL FINISAR-FTLX1672D3BNL Datasheet
418Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
More results

Similar Description - FTLX1672D3BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1672M3BTL FINISAR-FTLX1672M3BTL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BCL FINISAR-FTLX1672D3BCL Datasheet
433Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BNL FINISAR-FTLX1672D3BNL Datasheet
418Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BCL FINISAR-FTLX1672M3BCL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BNL FINISAR-FTLX1672M3BNL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1772M3BCL FINISAR-FTLX1772M3BCL Datasheet
763Kb / 11P
   10Gb/s, 1310nm 40km, Single Mode, Multi-Rate SFP Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com