Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP27A Datasheet(PDF) 8 Page - Texas Instruments

Part # OP27A
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OP27A Datasheet(HTML) 8 Page - Texas Instruments

Back Button OP27A Datasheet HTML 4Page - Texas Instruments OP27A Datasheet HTML 5Page - Texas Instruments OP27A Datasheet HTML 6Page - Texas Instruments OP27A Datasheet HTML 7Page - Texas Instruments OP27A Datasheet HTML 8Page - Texas Instruments OP27A Datasheet HTML 9Page - Texas Instruments OP27A Datasheet HTML 10Page - Texas Instruments OP27A Datasheet HTML 11Page - Texas Instruments OP27A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
50
40
30
20
10
0
− 75
− 50
− 25
0
50
75
100
125
25
VCC ± = ± 15 V
OP27C
OP27A
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
± 50
± 40
± 30
± 20
± 10
0
− 50 − 25
0
50
75
100
125
25
− 75
OP27C
OP27A
VCC ± = ± 15 V
Figure 4
Figure 5
20
COMMON-MODE INPUT VOLTAGE RANGE LIMITS
vs
SUPPLY VOLTAGE
0
±5
±10
±15
±20
VCC + − Supply Voltage − V
TA = − 55°C
TA = 125°C
TA = − 55°C
TA = 125°C
TA = 25°C
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
18
16
14
12
10
8
6
4
2
0
0.1
1
10
RL − Load Resistance − kΩ
16
12
8
4
0
− 4
− 8
− 12
− 16
VCC ± = ± 15 V
TA = 25°C
Positive
Swing
Negative
Swing
Figure 6
Figure 7


Similar Part No. - OP27A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27A TI-OP27A Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27A TI-OP27A Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFK TI-OP27AFK Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27AFK TI-OP27AFK Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - OP27A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27AFKB TI-OP27AFKB Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
OP27CJGB TI-OP27CJGB Datasheet
329Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-27 LINER-OP-27_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
OP-27 LINER-OP-27 Datasheet
788Kb / 11P
   Low Noise, High Speed Precision Operational Amplifiers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com