Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3223ECPWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3223ECPWG4
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3223ECPWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX3223ECPWG4 Datasheet HTML 4Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 5Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 6Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 7Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 8Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 9Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 10Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 11Page - Texas Instruments MAX3223ECPWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MAX3223E
SLLS707A – JANUARY 2006 – REVISED SEPTEMBER 2009.......................................................................................................................................... www.ti.com
AUTO-POWERDOWN SECTION
Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Receiver input threshold for
VT+(valid)
FORCEON = GND,
FORCEOFF = VCC
2.7
V
INVALID high-level output voltage
Receiver input threshold for
VT(valid)
FORCEON = GND,
FORCEOFF = VCC
–2.7
V
INVALID high-level output voltage
Receiver input threshold for
VT(invalid)
FORCEON = GND,
FORCEOFF = VCC
–0.3
0.3
V
INVALID low-level output voltage
IOH = 1 mA,
FORCEON = GND,
VOH
INVALID high-level output voltage
VCC – 0.6
V
FORCEOFF = VCC
IOL = 1.6 mA,
FORCEON = GND,
VOL
INVALID low-level output voltage
0.4
V
FORCEOFF = VCC
Switching Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (seeFigure 5)
PARAMETER
TYP (1)
UNIT
tvalid
Propagation delay time, low- to high-level output
1
μs
tinvalid
Propagation delay time, high- to low-level output
30
μs
ten
Supply enable time
100
μs
(1)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX3223E


Similar Part No. - MAX3223ECPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223ECPW TI-MAX3223ECPW Datasheet
330Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223ECPW TAOS-MAX3223ECPW Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3223ECPWR TI-MAX3223ECPWR Datasheet
330Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223ECPWR TAOS-MAX3223ECPWR Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX3223ECPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
[Old version datasheet]   5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com