Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3223IDW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3223IDW
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3223IDW Datasheet(HTML) 1 Page - Texas Instruments

  MAX3223IDW Datasheet HTML 1Page - Texas Instruments MAX3223IDW Datasheet HTML 2Page - Texas Instruments MAX3223IDW Datasheet HTML 3Page - Texas Instruments MAX3223IDW Datasheet HTML 4Page - Texas Instruments MAX3223IDW Datasheet HTML 5Page - Texas Instruments MAX3223IDW Datasheet HTML 6Page - Texas Instruments MAX3223IDW Datasheet HTML 7Page - Texas Instruments MAX3223IDW Datasheet HTML 8Page - Texas Instruments MAX3223IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MAX3223
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS409K − JANUARY 2000 − REVISED MARCH 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
D Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
D Operates With 3-V to 5.5-V VCC Supply
D Operates Up To 250 kbit/s
D Two Drivers and Two Receivers
D Low Standby Current...1 µA Typical
D External Capacitors ...4 × 0.1 µF
D Accepts 5-V Logic Input With 3.3-V Supply
D Alternative High-Speed Pin-Compatible
Device (1 Mbit/s)
− SNx5C3223
D Applications
− Battery-Powered Systems, PDAs,
Notebooks, Laptops, Palmtop PCs, and
Hand-Held Equipment
description/ordering information
The MAX3223 consists of two line drivers, two line receivers, and a dual charge-pump circuit with
±15-kV ESD
protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between an asynchronous communication controller and
the serial-port connector. The charge pump and four small external capacitors allow operation from a single
3-V to 5.5-V supply. The device operates at data signaling rates up to 250 kbit/s and a maximum of 30-V/
µs
driver output slew rate.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC (DW)
Tube of 25
MAX3223CDW
MAX3223C
SOIC (DW)
Reel of 2000
MAX3223CDWR
MAX3223C
−0
°C to 70°C
SSOP (DB)
Tube of 70
MAX3223CDB
MA3223C
−0
°C to 70°C
SSOP (DB)
Reel of 2000
MAX3223CDBR
MA3223C
TSSOP (PW)
Tube of 70
MAX3223CPW
MA3223C
TSSOP (PW)
Reel of 2000
MAX3223CPWR
MA3223C
SOIC (DW)
Tube of 25
MAX3223IDW
MAX3223I
SOIC (DW)
Reel of 2000
MAX3223IDWR
MAX3223I
−40
°C to 85°C
SSOP (DB)
Tube of 70
MAX3223IDB
MB3223I
−40
°C to 85°C
SSOP (DB)
Reel of 2000
MAX3223IDBR
MB3223I
TSSOP (PW)
Tube of 70
MAX3223IPW
MB3223I
TSSOP (PW)
Reel of 2000
MAX3223IPWR
MB3223I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
ROUT2
FORCEOFF
VCC
GND
DOUT1
RIN1
ROUT1
FORCEON
DIN1
DIN2
INVALID
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MAX3223IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223IDW TI-MAX3223IDW Datasheet
300Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
MAX3223IDWE4 TI-MAX3223IDWE4 Datasheet
300Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
MAX3223IDWR TI-MAX3223IDWR Datasheet
300Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
MAX3223IDWRE4 TI-MAX3223IDWRE4 Datasheet
300Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH /-15k-V ESD PROTECTION
More results

Similar Description - MAX3223IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222 TI1-MAX3222_16 Datasheet
912Kb / 20P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
[Old version datasheet]   5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com