Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3222IDWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3222IDWR
Description  MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX3222IDWR Datasheet(HTML) 2 Page - Texas Instruments

  MAX3222IDWR Datasheet HTML 1Page - Texas Instruments MAX3222IDWR Datasheet HTML 2Page - Texas Instruments MAX3222IDWR Datasheet HTML 3Page - Texas Instruments MAX3222IDWR Datasheet HTML 4Page - Texas Instruments MAX3222IDWR Datasheet HTML 5Page - Texas Instruments MAX3222IDWR Datasheet HTML 6Page - Texas Instruments MAX3222IDWR Datasheet HTML 7Page - Texas Instruments MAX3222IDWR Datasheet HTML 8Page - Texas Instruments MAX3222IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MAX3222
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS408G − JANUARY 2000 − REVISED MARCH 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The MAX3222 can be placed in the power-down mode by setting PWRDOWN low, which draws only 1
µA from
the power supply. When the device is powered down, the receivers remain active while the drivers are placed
in the high-impedance state. Also, during power down, the onboard charge pump is disabled; V+ is lowered to
VCC, and V− is raised toward GND. Receiver outputs also can be placed in the high-impedance state by setting
EN high.
Function Tables
EACH DRIVER
INPUTS
OUTPUT
DIN
PWRDOWN
OUTPUT
DOUT
X
L
Z
L
HH
H
H
L
H = high level, L = low level, X = irrelevant,
Z = high impedance
EACH RECEIVER
INPUTS
OUTPUT
RIN
EN
OUTPUT
ROUT
L
L
H
H
LL
X
HZ
Open
L
H
H = high level, L = low level, X = irrelevant,
Z = high impedance (off), Open = input
disconnected or connected driver off
logic diagram (positive logic)
DIN2
DOUT2
12
8
Powerdown
RIN1
16
20
15
PWRDOWN
ROUT1
DIN1
DOUT1
13
17
RIN2
9
10
ROUT2
1
EN


Similar Part No. - MAX3222IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3222IDWR TI-MAX3222IDWR Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3222IDWRE4 TI-MAX3222IDWRE4 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
More results

Similar Description - MAX3222IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3227 TI1-MAX3227_09 Datasheet
354Kb / 16P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223E TI1-MAX3223E_16 Datasheet
885Kb / 23P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3238 TI1-MAX3238_15 Datasheet
845Kb / 19P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3223 TI1-MAX3223_16 Datasheet
944Kb / 22P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX3227E TI1-MAX3227E_09 Datasheet
351Kb / 15P
[Old version datasheet]   MULTICHANNEL LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX207 TI1-MAX207_16 Datasheet
776Kb / 16P
[Old version datasheet]   5V MULTICHANNEL LINE DRIVER/RECEIVER WITHE ESD PROTECTION
MAX3238-Q1 TI1-MAX3238-Q1_15 Datasheet
834Kb / 18P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com