Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX202IDWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202IDWR
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MAX202IDWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button MAX202IDWR Datasheet HTML 4Page - Texas Instruments MAX202IDWR Datasheet HTML 5Page - Texas Instruments MAX202IDWR Datasheet HTML 6Page - Texas Instruments MAX202IDWR Datasheet HTML 7Page - Texas Instruments MAX202IDWR Datasheet HTML 8Page - Texas Instruments MAX202IDWR Datasheet HTML 9Page - Texas Instruments MAX202IDWR Datasheet HTML 10Page - Texas Instruments MAX202IDWR Datasheet HTML 11Page - Texas Instruments MAX202IDWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
ESD Test Conditions
Human-Body Model (HBM)
-
+
DUT
R
D
1.5kW
V
HBM
100pF
C
S
100
150
200
50
0
1.5
1.0
0.5
0.0
V
=2kV
HBM
DUT=10-V,1-W ZenerDiode
|
Time-ns
Machine Model (MM)
MAX202
5-V DUAL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS576E – JULY 2003 – REVISED APRIL 2007
APPLICATION INFORMATION (continued)
Stringent ESD testing is performed by TI, based on various conditions and procedures. Please contact TI for a
reliability report that documents test setup, methodology, and results.
The HBM of ESD testing is shown in Figure 5. Figure 6 shows the current waveform that is generated during a
discharge into a low impedance. The model consists of a 100-pF capacitor, charged to the ESD voltage of
concern, and subsequently discharged into the device under test (DUT) through a 1.5-k
Ω resistor.
Figure 5. HBM ESD Test Circuit
Figure 6. Typical HBM Current Waveform
The MM ESD test applies to all pins using a 200-pF capacitor with no discharge resistance. The purpose of the
MM test is to simulate possible ESD conditions that can occur during the handling and assembly processes of
manufacturing. In this case, ESD protection is required for all pins, not just RS-232 pins. However, after PC
board assembly, the MM test no longer is as pertinent to the RS-232 pins.
8
Submit Documentation Feedback


Similar Part No. - MAX202IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202IDWR TI-MAX202IDWR Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
MAX202IDWR TI-MAX202IDWR Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202IDWRE4 TI-MAX202IDWRE4 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX202IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com