Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V293L15PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V293L15PF
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V293L15PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V293L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V293L15PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V223/233/243/253/263/273/283/293 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
512 x 18, 1K x 9/18, 2K x 9/18, 4K x 9/18, 8K x 9/18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9
Symbol
Rating
Com'l & Ind'l
Unit
VTERM(2)
TerminalVoltage
–0.5 to +4.5
V
with respect to GND
TSTG
StorageTemperature
–55 to +125
° C
IOUT
DC Output Current
–50 to +50
mA
NOTES:
1. With output deselected, (
OE
VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V ± 0.15V, TA = -40°C to +85°C; JEDEC JESD8-A compliant)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
Supply Voltage (Com'l & Ind'l)
3.15
3.3
3.45
V
GND
Supply Voltage (Com'l & Ind'l)
0
0
0
V
VIH(2)
Input High Voltage (Com'l & Ind'l)
2.0
5.5
V
VIL(3)
Input Low Voltage (Com'l & Ind'l)
0.8
V
TA
OperatingTemperatureCommercial
0
+70
° C
TA
OperatingTemperatureIndustrial
-40
+85
° C
NOTES:
1. VCC=3.3V ± 0.15V, JEDEC JESD8-A compliant.
2. Outputs are not 5V tolerant.
3. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72V223L
IDT72V233L
IDT72V243L
IDT72V253L
IDT72V263L
IDT72V273L
IDT72V283L
IDT72V293L
Commercial and Industrial(1)
tCLK = 6, 7.5, 10, 15 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent
–1
1
µA
ILO(3)
OutputLeakageCurrent
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current (x9 Input to x9 Output)
30
mA
ICC1(4,5,6)
Active Power Supply Current (x18 Input to x18 Output)
35
mA
ICC2(4,7)
Standby Current
15
mA
NOTES
:
1. Industrial temperature range product for the 10ns speed grade is available as a standard device.
2. Measurements with 0.4
VIN VCC.
3.
OE
VIH, 0.4 VOUT VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. For x 18 bus widths, typical ICC1 = 5 + fS + 0.002*CL*fS (in mA);
for x 9 bus widths, typical ICC1 = 5 + 0.775*fS + 0.002*CL*fS (in mA).
These equations are valid under the following conditions:
VCC = 3.3V, tA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
CAPACITANCE (TA= +25
°C, f = 1.0MHz)
RECOMMENDED DC OPERATING
CONDITIONS
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminal only.


Similar Part No. - IDT72V293L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V293 RENESAS-IDT72V293 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
More results

Similar Description - IDT72V293L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com