Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF156JAN Datasheet(PDF) 3 Page - Texas Instruments

Part # LF156JAN
Description  JFET Input Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF156JAN Datasheet(HTML) 3 Page - Texas Instruments

  LF156JAN_13 Datasheet HTML 1Page - Texas Instruments LF156JAN_13 Datasheet HTML 2Page - Texas Instruments LF156JAN_13 Datasheet HTML 3Page - Texas Instruments LF156JAN_13 Datasheet HTML 4Page - Texas Instruments LF156JAN_13 Datasheet HTML 5Page - Texas Instruments LF156JAN_13 Datasheet HTML 6Page - Texas Instruments LF156JAN_13 Datasheet HTML 7Page - Texas Instruments LF156JAN_13 Datasheet HTML 8Page - Texas Instruments LF156JAN_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LF156JAN
www.ti.com
SNOSAQ0A – MARCH 2006 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
±22V
Differential Input Voltage
±40V
Input Voltage Range(2)
±20V
Output Short Circuit Duration(3)
Continuous
TJMAX
175°C
Still Air
560 mW
Power Dissipation at TA = 25°C
(4)
500 LF/Min Air Flow
1200 mW
Still Air
160°C/W
θJA
Thermal Resistance
400 LF/Min Air Flow
65°C/W
θJC
23°C/W
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature (Soldering 10 sec.)
300°C
ESD tolerance (5)
1200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate condition for
which the device is functional, but do not ensure specific performance limits . For specified specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
The absolute maximum negative input voltage is equal to the negative power supply voltage.
(3)
Short circuit may be to ground or either supply. Rating applies to +125°C case temperature or +75°C ambient temperature.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax(maximum junction temperature),
θJA(package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PD=(TJmax−TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(5)
Human body model, 100pF discharged through 1.5K
Ω.
Recommended Operating Conditions
Supply voltage range
±5 to ±20 VDC
Ambient temperature range
−55°C ≤ TA ≤ +125°C
Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp ( C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF156JAN


Similar Part No. - LF156JAN_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
More results

Similar Description - LF156JAN_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com