Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S102WGRQV Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC128S102WGRQV
Description  Radiation Hardened 8-Channel CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102WGRQV Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC128S102WGRQV Datasheet HTML 4Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 5Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 6Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 7Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 8Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 9Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 10Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 11Page - Texas Instruments ADC128S102WGRQV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
ADC128S102QML-SP
SNAS411O – AUGUST 2008 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ADC128S102QML-SP
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics: ADC128S102QML-SP Converter (continued)
The following specifications apply for AGND = DGND = 0V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE = 50 kSPS to 1 MSPS, CL =
50pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP(1)
MAX
UNIT
PC
Power consumption,
normal mode ( CS low)
VA = VD = 3 V
fSAMPLE = 1 MSPS, fIN = 40 kHz
[1, 2, 3]
2.7
4.5
mW
VA = VD = 5 V
fSAMPLE = 1 MSPS, fIN = 40 kHz
[1, 2, 3]
11.0
15.5
mW
Power consumption,
shutdown mode (CS high)
VA = VD = 3 V
fSCLK = 0 kSPS
[1, 2, 3]
0.33
3
µW
VA = VD = 5 V
fSCLK = 0 kSPS
[1, 2, 3]
0.6
7
µW
AC ELECTRICAL CHARACTERISTICS
fSCLK
MIN
Minimum clock frequency
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
0.8
MHz
fSCLK
Maximum clock frequency
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
16
MHz
fS
Sample rate continuous
mode
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
50
kSPS
[9, 10, 11]
1
MSPS
tCONVE
RT
Conversion (hold) time
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
13
SCLK
cycles
DC
SCLK duty cycle
VA = VD = 2.7 V to 5.25
V
MIN
40%
MAX
60%
tACQ
Acquisition (track) time
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
3
SCLK
cycles
Throughput time
Acquisition time + conversion time
VA = VD = 2.7 V to 5.25 V
[9, 10, 11]
16
SCLK
cycles
tAD
Aperture delay
VA = VD = 2.7 V to 5.25 V
4
ns
(1)
Pre and post irradiation limits are identical to those listed in the DC Parameters and AC and Timing Characteristics, except as listed in
Electrical Characteristics: Radiation. When performing post irradiation electrical measurements for any RHA level, TA = 25°C.
6.6 Electrical Characteristics: Radiation
The following specifications apply for VA = VD = 2.7 V to 5.25 V, AGND = DGND = 0 V, fSCLK = 0.8 MHz to 16 MHz, fSAMPLE =
50 kSPS to 1 MSPS, and CL = 50 pF.
(1)
PARAMETER
TEST CONDITIONS
SUBGROUP
MIN
TYP
MAX
UNIT
IA + ID
Total supply current shutdown mode
(CS high)
VA = VD = 2.7 V to 3.6 V,
fSCLK = 0 kSPS
[1]
30
µA
VA = VD = 4.75 V to 5.25 V,
fSCLK = 0 kSPS
[1]
100
µA
IOZH, IOZL
Hi-impedance output leakage current
VA = VD = 2.7 V to 5.25 V
[1]
±10
µA


Similar Part No. - ADC128S102WGRQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S102WGRQV NSC-ADC128S102WGRQV Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102WGRQV TI1-ADC128S102WGRQV Datasheet
690Kb / 30P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S102WGRQV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
   Radiation Hardened 8-Channel Source Driver
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
   Radiation Hardened 8-Channel Source Driver
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com